Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6365N Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6365N
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6365N Datasheet(HTML) 5 Page - Texas Instruments

  PT6365N Datasheet HTML 1Page - Texas Instruments PT6365N Datasheet HTML 2Page - Texas Instruments PT6365N Datasheet HTML 3Page - Texas Instruments PT6365N Datasheet HTML 4Page - Texas Instruments PT6365N Datasheet HTML 5Page - Texas Instruments PT6365N Datasheet HTML 6Page - Texas Instruments PT6365N Datasheet HTML 7Page - Texas Instruments PT6365N Datasheet HTML 8Page - Texas Instruments PT6365N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6360 Series
Output Remote Sense
The (+)Sense pin allows the regulator to compensate for
limited amounts of ‘IR’ voltage drop in the positive output
connection resistance. This is the voltage drop incurred
in the PCB trace between Vout (pins 9 & 10) of the regu-
lator and the load some distance away. Connecting (+)Sense
to the positive load terminal improves the voltage regu-
lation at the load, particularly when the load current
fluctuates. Although not recommended, leaving (+)Sense
disconnected will not damage the regulator or the load
circuitry. An internal 10
Ω resistor, connected between
the sense pin and the output, keeps the output voltage in
regulation.
With the sense pin connected, the difference between
the voltage measured between Vout and GND at the
regulator, and that measured from (+)Sense to GND, is
the amount of IR drop being compensated by the regula-
tor. This should be limited to 0.3 V maximum.
Note: The remote sense feature is not designed to compensate
for the forward drop of non-linear or frequency dependent
components that may be placed in series with the converter
output. Examples include OR-ing diodes, filter inductors,
ferrite beads, and fuses. When these components are enclosed
by the remote sense connections they are effectively placed
inside the regulation control loop, which can adversely affect
the stability of the regulator.
Over-Current Protection
To protect against load faults, these ISRs incorporate
output over-current protection. Applying a load that
exceeds the over-current threshold (see data sheet speci-
fications) will cause the regulated output to shut down.
Following shutdown the ISR will periodically attempt to
recover by initiating a soft-start power-up. This is often
described as a “hiccup” mode of operation, whereby the
module continues in a cycle of successive shutdown and
power up until the load fault is removed. During this
period, the average current flowing into the fault is
significantly reduced. Once the fault is removed, the
converter automatically recovers and returns to normal
operation.
Operating Features and System Considerations
for the PT6360 Regulator Series
The PT6360 is a series of integrated switching regulators
(ISRs) that operate off a 12-V input to provide step-
down voltage conversion for output loads of up to 11 A.
Power up & Soft-Start Timing
Following either the application of a valid input source
voltage, or the removal of a ground signal to the Inhihit
control pin (with input power applied), the regulator will
initiate a soft-start power up. A soft start slows the rate at
which the output voltage rises and introduces a short time
delay, td (approx. 10 ms), into the power-up sequence.
Figure 1-1 shows the power-up characteristic of a PT6363
(2.5-V output) with an 8.3-A load. Note that the initial
step of input current when the input voltage begins to
rise is the input capacitor(s) charging.
Figure 1-1
Vin (5V/Div)
Vo (1V/Div)
Iin (2A/Div)
HORIZ SCALE: 5ms/Div
t
d


Similar Part No. - PT6365N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6365 TI-PT6365 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6365N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com