Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6364 Datasheet(PDF) 9 Page - Texas Instruments

Part # PT6364
Description  11 A 12-V Input Adjustable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6364 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT6364 Datasheet HTML 5Page - Texas Instruments PT6364 Datasheet HTML 6Page - Texas Instruments PT6364 Datasheet HTML 7Page - Texas Instruments PT6364 Datasheet HTML 8Page - Texas Instruments PT6364 Datasheet HTML 9Page - Texas Instruments PT6364 Datasheet HTML 10Page - Texas Instruments PT6364 Datasheet HTML 11Page - Texas Instruments PT6364 Datasheet HTML 12Page - Texas Instruments PT6364 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6360 Series
Using the Inhibit Control of the PT6360 Series of
Integrated Switching Regulators
The PT6360 series of integrated switching regulators
(ISRs) provide step-down voltage conversion for output
loads of up to 11 A. For applications that require the
output voltage to be held off, these ISRs incorporate an
Inhibit* control (pin 1). The Inhibit* control input can be
used for power-up sequencing or whenever there is a
requirement for the output voltage from the ISR to be
turned off.
The ISR functions normally with pin 1 open circuit,
providing a regulated output whenever a valid source
voltage is applied between Vin (pins 2–3) and GND (pins
5–8). When a low-level ground signal is applied to pin 1,
the regulator output is turned off 2 and the input current
is significantly reduced 4.
Figure 4-1 shows the typical application of the Inhibit*
function. Note the discrete transistor, Q1. The Inhibit*
control has its own internal pull-up to Vin potential. An
open-collector or open-drain device is recommended to
control this input 1. The voltage thresholds are given in
Table 4-1.
Table 4-1; Inhibit Control Requirements
Parameter
Min
Typ
Max
Enable (VIH)
2.0 V
Vin
Disable (VIL)
–0.1 V
+0.3 V
I IL
–0.5 mA
Notes:
1. Use an open-collector device with a breakdown voltage
of at least 20 V (preferably a discrete transistor) for the
Inhibit* input. A pull-up resistor is not necessary. To
disable the output voltage the control pin should be
pulled low to less than +0.6 VDC.
2. When a ground signal is applied to the Inhibit* control
(pin 1) the module output is effectively turned off (tri-
state). The output voltage decays to zero as the load
impedance discharges the output capacitors.
3. When a ground signal to the Inhibit* pin is removed,
the regulator output initiates a soft-start cycle by first
asserting a low impedance to ground. If an external
voltage is applied to the regulator output it will sink
current and possibly overstress the module.
4. When a ground signal is applied to the Inhibit* pin, the
module is effectively turned off and the input current is
reduced to about 0.5 mA.
Figure 4-1
Turn-On Time:
In the circuit of Figure 4-1, turning Q1 1 on
applies a low-voltage to the Inhibit* control (pin 1) and
disables the output of the regulator 2. If Q1 is then turned
off, the ISR executes a soft-start power up 3. Power up
consists of a short delay (approx. 10 msec), followed by a
period in which the output voltage rises to the full regu-
lation voltage. The module produces a regulated output
voltage in approximately 15 msec. Figure 4-2 shows the
rise in both the output voltage and input current for a
PT6363 (2.5 V), following the turn-off of Q1. The turn
off of Q1 corresponds to the rise in the waveform, Q1 Vds.
The waveforms were measured with a 12 VDC input
voltage, and 8.3-A load.
Figure 4-2
PT6363
V
IN
5–8
12
9–10
2–4
1
L
O
A
D
C
IN
560 µF
C
OUT
330 µF
Inhibit
GND
GND
V
OUT
11
+V
SENSE
Q
1
BSS138
Vo (1V/Div)
Iin (2A/Div)
Q1 Vds (10V/Div)
HORIZ SCALE: 5ms/Div


Similar Part No. - PT6364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com