Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4226N Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4226N
Description  10-W Low-Profile 48V-Input Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4226N Datasheet(HTML) 2 Page - Texas Instruments

  PT4226N Datasheet HTML 1Page - Texas Instruments PT4226N Datasheet HTML 2Page - Texas Instruments PT4226N Datasheet HTML 3Page - Texas Instruments PT4226N Datasheet HTML 4Page - Texas Instruments PT4226N Datasheet HTML 5Page - Texas Instruments PT4226N Datasheet HTML 6Page - Texas Instruments PT4226N Datasheet HTML 7Page - Texas Instruments PT4226N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4220 Series
10-W Low-Profile 48V-Input
Isolated DC/DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =48V, Cin =0µF, Cout =0µF, and Io =Iomax)
PT4220 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo ≤ 3.3V
0.1 (1)
—3
Vo =5.0V
0.1 (1)
—2
Vo = 12V
0.1 (1)
0.85
Input Voltage Range
Vin
Over Io Range
36.0
48.0
75.0
VDC
Set Point Voltage Tolerance
Vo tol
±1±2%Vo
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C, Io =Iomin
±0.2
%Vo
Line Regulation
Regline
Over Vin range
±1
mV
Load Regulation
Regload
Over Io range
±5
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
±1.5
±3
%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Vo = 12V
87
Vo = 5.0V
85
Vo = 3.3V
81
Vo = 2.5V
78
%
Vo = 1.8V
73
Vo = 1.5V
71
Vo = 1.3V
65
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≤ 5.0V
50
mVpp
Vo = 12V
100
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
75
µs
∆Vtr
Vo over/undershoot
Vo ≤ 5.0V
±150
mV
Vo = 12V
±350
Output Voltage Adjust
Vadj
Vo ≥2.5V
±10
%Vo
Current Limit Threshold
Ilim
Vin =36V, ∆Vo = –1%
150
%Iomax
Switching Frequency
ƒs
Over Vin range
250
300
350
kHz
Under-Voltage Lockout
UVLO
32
V
Remote On/Off (Pin 1)
Referenced to –Vin (pin 3)
Input High Voltage
VIH
4.5
Open (3)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
–0.5
mA
Standby Input Current
Iin standby
pins 1 & 3 connected
1
mA
Internal Input Capacitance
Cin
0.66
µF
External Output Capacitance
Cout
Vo ≤5.0V
0 (5)
1000
µF
Vo = 12V
0 (5)
330
Isolation Voltage
Input–output/input–case
1500
V
Capacitance
Input to output
1,100
pF
Resistance
Input to output
10
M
Operating Temperature Range
Ta
Over Vin range
-40
+85 (4)
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
4.7
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Mil-Std-883D, Method 2007.2
20 (6)
—G’s
20-2000Hz, all case styles soldered to PC
Weight
20
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The DC/DC converter will operate at no load with reduced specifications.
(2) The maximum output current reduces the output power of the following devices to less than 10W:-
PT4225 =7.5W; PT4221 =5.4W; PT4226 =4.5W; PT4227 =3.9W.
(3) The Remote On/Off (pin 1) has an internal pull-up, and if it is left open circuit the converter will operate when input power is applied. The open-circuit
voltage is typically 5V. Refer to the application notes for interface considerations.
(4) See Safe Operating Area curves or contact the factory for the appropriate derating.
(5) An output capacitor is not required for proper operation.
(6) The case pins on through-hole pin configurations (N & A) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT4226N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4226 TI1-PT4226 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
More results

Similar Description - PT4226N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com