Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-6HS-K Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # VE-6HS-K
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-6HS-K Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  VE-6HS-K Datasheet HTML 1Page - Fujitsu Component Limited. VE-6HS-K Datasheet HTML 2Page - Fujitsu Component Limited. VE-6HS-K Datasheet HTML 3Page - Fujitsu Component Limited. VE-6HS-K Datasheet HTML 4Page - Fujitsu Component Limited. VE-6HS-K Datasheet HTML 5Page - Fujitsu Component Limited. VE-6HS-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s FEATURES
q
UL, CSA, VDE recognized
q
1 form A (SPST-NO) or 1 form C (SPDT) contact
q
Low cost, miniature relay with big performance in small
package
—Surge strength: 4,000 V or 6,000 V
q
Slim type—meets high density mounting requirement
q
Wide operating range
q
Easy circuit design with completely separated terminal
arrangement (coil and contact terminals)
q
Plastic sealed type backfilled with nitrogen
(a)
Series Name
VE: VE Series
(b)
Nominal Voltage
Refer to the COIL DATA CHART
(c)
Contact Rating
H : Heavy duty type
(d)
Contact Arrangement
Nil : 1 form C (SPDT)
M : 1 form A (SPST-NO)
(e)
Coil Type
Nil : Standard type
S : High sensitivity type
(f)
Contact Material (Rating)
Nil : Gold overlay silver-nickel (N.C.: 3 A, N.O.: 5 A)
E : Silver-nickel (N.C.: 3 A, N.O.: 5 A)
5 : Silver alloy (N.C.: 5 A, N.O.: 5 A)
(g)
Enclosure
K : Plastic sealed type
(h)
Surge Strength
Nil : Standard type (4,000 V)
HV: High dielectric strength type (6,000 V)
(i)
Standard
VD: UL, CSA, VDE approved type
Note: Actual marking omits the hyphen (-) of (*)
s ORDERING INFORMATION
VE – 12
H
M
S
E
K
– HV – VD
[Example]
(a) (*) (b) (c) (d) (e) (f )
(g)
(h)
( i )
VE SERIES
FUJITSU TAKAMISAWA
COMPONENT CATALOG
POWER RELAY
1 POLE—5 A (MEDIUM LOAD CONTROL)
1


Similar Part No. - VE-6HS-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12H-K-HV-VD FUJITSU-VE-12H-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HE5-K-HV-VD FUJITSU-VE-12HE5-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HM-K-HV-VD FUJITSU-VE-12HM-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HME5-K-HV-VD FUJITSU-VE-12HME5-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMS-K-HV-VD FUJITSU-VE-12HMS-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-6HS-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com