Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4224N Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4224N
Description  10-W Low-Profile 48V-Input Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4224N Datasheet(HTML) 4 Page - Texas Instruments

  PT4224N Datasheet HTML 1Page - Texas Instruments PT4224N Datasheet HTML 2Page - Texas Instruments PT4224N Datasheet HTML 3Page - Texas Instruments PT4224N Datasheet HTML 4Page - Texas Instruments PT4224N Datasheet HTML 5Page - Texas Instruments PT4224N Datasheet HTML 6Page - Texas Instruments PT4224N Datasheet HTML 7Page - Texas Instruments PT4224N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4220/4240 Series
Using the Remote On/Off with the PT4220/4240
Isolated 10W Excalibur
 DC/DC Converters
For applications requiring output voltage On/Off control,
the PT4220/4240 DC/DC converter series incorporates
a “Remote On/Off” control (pin 1). This feature can be
used to switch the module off without removing the
applied input source voltage.
The converter functions normally with Pin 1 open-circuit,
providing a regulated output voltage when a valid source
voltage is applied to +Vin (pin 5), with respect to –Vin
(pin 3). When a low-level 1 ground signal is applied to
pin 1, the converter output will be turned off.
Figure 1 shows an application schematic, which details
the typical use of the Remote On/Off function. Note the
discrete transistor (Q1). The pin has its own internal
pull-up, allowing it to be controlled with an open-collector
or open-drain device (See notes 2 & 3). Table 1 gives the
threshold requirements.
When placed in the “Off” state, the standby current drawn
from the input source is typically reduced to less than 1mA.
Table 1; Pin 1 Remote On/Off Control Parameters 1
Parameter
Min
Typ
Max
Enable (VIH)
4.5V
Disable (VIL)
0.8V
Vo/c [Open-Circuit]
5.0V
Iin [pin 1 at –Vin]
–0.5mA
Notes:
1. The Remote On/Off control uses –Vin (pin 3) as its ground
reference. All voltages specified are with respect to –Vin.
2. Use an open-collector device (preferably a discrete
transistor) for the Remote On/Off input. A pull-up resistor
is not necessary. To disable the output voltage, the control
pin should be pulled low to less than +0.8VDC.
3. The Remote On/Off pin may be controlled with devices that
have a totem-pole output. This is provided the drive
voltage meets the threshold requirements in Table 1.
Do not apply more than +20V. If a TTL gate is used, a
pull-up resistor may be required to the logic supply voltage.
4. The PT4220/4240 converters incorporate an “Under-
Voltage Lockout” (UVLO). The UVLO will keep the
module off when the input voltage to the converter is
low, regardless of the state of the Remote On/Off control.
Table 2 gives the UVLO input voltage thresholds.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low-voltage to pin 1 and disables the converter
output. Correspondingly, turning Q1 off allows pin 1 to
be pulled high by an internal pull-up resistor. The con-
verter produces a regulated output voltage within 60ms.
Figure 2 shows shows the output response of a PT4223
(5.0V) following the turn-off of Q1. The turn off of Q1
corresponds to the drop in Q1 Vgs. Although the rise-
time of the output voltage is short (<5ms), the indicated
delay time will vary depending upon the input voltage
and the module’s internal timing. The waveform was
measured with a 48Vdc input voltage, and a 1.4A resis-
tive load.
Figure 2
R1
10k
Q1
BSS138
+V
o
-V
o
+V
in
-V
in
Vdd
1 =OFF
Note 1
U1a
Note 1
Note 1
PT4220/4240
+ V out
-Vout
+Vin
-Vin
Remote
On/Off
V
o (adj)
1
3
5
8, 9
6, 7
10
Table 2; UVLO Thresholds 4
Series
Vin Range
UVLO Threshold
PT4220
36 – 75V
32V ±2V
PT4240
18 – 36V
15.8V ±2V
Vo (2V/Div)
Iin (0.2A/Div)
Q1Vgs (10V/Div)
HORIZ SCALE: 10ms/Div
Delay Time


Similar Part No. - PT4224N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4224 TI1-PT4224 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
More results

Similar Description - PT4224N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com