Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB819 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB819
Description  Silicon PNP epitaxial planer type(For low-frequency output amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB819 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB819 Datasheet HTML 1Page - Panasonic Semiconductor 2SB819 Datasheet HTML 2Page - Panasonic Semiconductor 2SB819 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SB819
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
–10
–8
–2
–6
–4
0
–4.0
–3.0
–1.0
–2.5
–3.5
–2.0
– 0.5
–1.5
Ta=25˚C
I
B=–40mA
–30mA
–25mA
–20mA
–15mA
–10mA
–35mA
–5mA
Collector to emitter voltage V
CE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=–25˚C
75˚C
25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
V
CE=–5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
10
100
1000
10000
30
300
3000
0
240
200
160
120
80
40
V
CB=–5V
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
150
120
60
90
30
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.001
0.01
0.1
1
10
0
–60
–50
–40
–30
–20
–10
Ta=25˚C
Base to emitter resistance R
BE
(k
Ω)
0
120
100
80
20
60
40
1
1000
100
10
3
30
300
V
CE=–12V
Ambient temperature Ta (˚C)
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE
ICEO — Ta


Similar Part No. - 2SB819

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB819 PANASONIC-2SB819 Datasheet
81Kb / 4P
   For Low-Frequency Output Amplification
More results

Similar Description - 2SB819

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1446 PANASONIC-2SB1446 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1589 PANASONIC-2SB1589 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB779 PANASONIC-2SB779 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1398 PANASONIC-2SB1398 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB976 PANASONIC-2SB976 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1438 PANASONIC-2SB1438 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB766 PANASONIC-2SB766 Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1297 PANASONIC-2SB1297 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com