Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMWD22XN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMWD22XN
Description  Dual N-channel uTrenchMOS extremely low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMWD22XN Datasheet(HTML) 2 Page - NXP Semiconductors

  PMWD22XN Datasheet HTML 1Page - NXP Semiconductors PMWD22XN Datasheet HTML 2Page - NXP Semiconductors PMWD22XN Datasheet HTML 3Page - NXP Semiconductors PMWD22XN Datasheet HTML 4Page - NXP Semiconductors PMWD22XN Datasheet HTML 5Page - NXP Semiconductors PMWD22XN Datasheet HTML 6Page - NXP Semiconductors PMWD22XN Datasheet HTML 7Page - NXP Semiconductors PMWD22XN Datasheet HTML 8Page - NXP Semiconductors PMWD22XN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 15093
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 15 August 2005
2 of 12
Philips Semiconductors
PMWD22XN
Dual N-channel
µTrenchMOS extremely low level FET
3.
Ordering information
4.
Limiting values
[1]
Single device conducting.
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PMWD22XN
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 4.4 mm
SOT530-1
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25
°C ≤ T
j ≤ 150 °C
-
20
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 150 °C; RGS =20kΩ
-20
V
VGS
gate-source voltage
-
±12
V
ID
drain current
Tsp =25 °C; VGS = 4.5 V; see Figure 2 and 3
[1] -
9.2
A
Tsp = 100 °C; VGS = 4.5 V; see Figure 2
[1] -
5.8
A
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs; see Figure 3
[1] -37
A
Ptot
total power dissipation
Tsp =25 °C; see Figure 1
[1] -
3.5
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source current
Tsp =25 °C
[1] -
2.9
A
ISM
peak source current
Tsp =25 °C; pulsed; tp ≤ 10 µs
[1] -
11.9
A


Similar Part No. - PMWD22XN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMWD20XN PHILIPS-PMWD20XN Datasheet
93Kb / 12P
   Dual N-channel UTrenchMOS extremely low level FET
Rev. 02-26 April 2005
PMWD26UN PHILIPS-PMWD26UN Datasheet
87Kb / 12P
   Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-19 May 2005
More results

Similar Description - PMWD22XN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMWD20XN PHILIPS-PMWD20XN Datasheet
93Kb / 12P
   Dual N-channel UTrenchMOS extremely low level FET
Rev. 02-26 April 2005
PMV56XN PHILIPS-PMV56XN Datasheet
95Kb / 12P
   UTrenchMOS extremely low level FET
Rev. 02-24 June 2004
PMV31XN PHILIPS-PMV31XN Datasheet
241Kb / 12P
   UTrenchMOS extremely low level FET
Rev. 01-26 February 2003
PMWD16UN PHILIPS-PMWD16UN Datasheet
94Kb / 12P
   Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-24 March 2005
PMWD26UN PHILIPS-PMWD26UN Datasheet
87Kb / 12P
   Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-19 May 2005
PMF280UN PHILIPS-PMF280UN Datasheet
90Kb / 12P
   N-channel UTrenchMOS ultra low level FET
Rev. 01-27 February 2004
PMR780SN PHILIPS-PMR780SN Datasheet
90Kb / 12P
   N-channel UTrenchMOS standard level FET
Rev. 01-5 March 2004
PMGD290XN PHILIPS-PMGD290XN Datasheet
96Kb / 12P
   Dual N-channel mTrenchMOS extremely low level FET
Rev. 01-26 February 2004
PMWD30UN PHILIPS-PMWD30UN Datasheet
242Kb / 12P
   Dual uTrenchMOS ultra low level FET
Rev. 01-22 January 2003
PMGD370XN NXP-PMGD370XN Datasheet
94Kb / 12P
   Dual N-channel mTrenchMOS extremely low level FET
Rev. 01-27 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com