Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-T3134 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-T3134
Description  STANDARD LED LAMPS(TRIANGULAR & OVAL TYPES)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-T3134 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-T3134 Datasheet HTML 1Page - Yellow Stone Corp BL-T3134 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-T1131-T
GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-T5131-T
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-T4531-T
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
9.0
BL-T2131-T
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
9.0
BL-TX1131-T
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 12.0
BL-T3131-T
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
8.0
5.5x5.5x
7.0mm
1.0" Lead
Triangular
BL-T4131-T
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
9.0
120
L-129
BL-T1132-T
GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-T5132-T
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.6
BL-T4532-T
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
8.0
BL-T2132-T
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
8.0
BL-TX1132-T
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 11.0
BL-T3132-T
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
7.0
2.6x2.6x
3.5mm
1.0" Lead
Triangular
BL-T4132-T
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
8.0
100
L-130
BL-T1133-T
GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0
1.2
BL-T5133-T
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
2.4
BL-T4533-T
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
9.0
BL-T2133-T
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
9.0
BL-TX1133-T
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 12.0
BL-T3133-T
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
8.0
2.0x5.1x
7.7mm
1.0" Lead
Triangular
BL-T4133-T
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
9.0
100
L-131
BL-T1134
GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0
0.6
BL-T5134
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-T4534
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-T2134
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.0
BL-TX1134
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
9.0
BL-T3134
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
2.8x4.3x
3.5mm
1.0" Lead
Triangular
BL-T4134
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
6.0
100
L-132
BL-W1334-S
GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0 30.0
BL-W5334-S
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 35.0
BL-W4334-S
GaAsP/GaP/ Hi-Eff Red
635
45
80
30
150 2.0 2.6 150.0
BL-W2334-S
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 150.0
BL-WX1334-S
GaP/GaP/ Hi-Eff Green
568
30
80
30
150 2.2 2.6 155.0
BL-W3334-S
GaAsP/GaP/ Yellow
585
Water Clear
35
80
30
150 2.1 2.6 130.0
4.3x5.1x
7.3mm
1.0" Lead
Oval
BL-W4434-S
GaAsP/GaP/ Orange
635
Orange Trans
45
80
30
150 2.0 2.6 150.0
X-X
35.0
Y-Y
20.0
L-133
BL-W1334A-S
GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0 30.0
BL-W5334A-S
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 35.0
BL-W4334A-S
GaAsP/GaP/ Hi-Eff Red
635
45
80
30
150 2.0 2.6 150.0
BL-W2334A-S
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 150.0
BL-WX1334A-S GaP/GaP/ Hi-Eff Green
568
30
80
30
150 2.2 2.6 155.0
BL-W3334A-S
GaAsP/GaP/ Yellow
585
Water Clear
35
80
30
150 2.1 2.6 130.0
4.1x5.0x
7.0mm
1.0" Lead
Oval
BL-W4434A-S
GaAsP/GaP/ Orange
635
Orange Trans
45
80
30
150 2.0 2.6 200.0
X-X
40.0
Y-Y
25.0
L-134
BL-W1334A-1-S GaAsP/ GaAs/ Red
655
40
80
40
200 1.7 2.0 30.0
BL-W5334A-1-S GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 35.0
BL-W4334A-1-S GaAsP/GaP/ Hi-Eff Red
635
45
80
30
150 2.0 2.6 150.0
BL-W2334A-1-S GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 150.0
BL-W3334A-1-S GaAsP/GaP/ Yellow
585
Water Clear
30
80
30
150 2.2 2.6 130.0
4.1x5.0x
7.0mm
1.0" Lead
Oval
BL-W4434A-1-S GaAsP/GaP/ Orange
635
Orange Trans
45
80
30
150 2.0 2.6 150.0
X-X
45.0
Y-Y
30.0
L-135
BL-W5334B-S
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6 35.0
BL-W4334B-S
GaAsP/GaP/ Hi-Eff Red
635
45
80
30
150 2.0 2.6 150.0
BL-W2334B-S
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6 150.0
BL-W3334B-S
GaAsP/GaP/ Yellow
585
Water Clear
30
80
30
150 2.2 2.6 130.0
5.7 x4.7x
7.9mm
1.0" Lead
Oval
BL-W4434B-S
GaAsP/GaP/ Orange
635
Orange Trans
45
80
30
150 2.0 2.6 150.0
X-X
60.0
Y-Y
35.0
L-136
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-T3134

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T31A-31 BETLUX-BL-T31A-31 Datasheet
322Kb / 5P
   8.00mm (0.31) Three digit Seven Segment LED display series
BL-T31A-31B BETLUX-BL-T31A-31B Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T31A-31D-0 BETLUX-BL-T31A-31D-0 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T31A-31D-1 BETLUX-BL-T31A-31D-1 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T31A-31D-10 BETLUX-BL-T31A-31D-10 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
More results

Similar Description - BL-T3134

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
BL-R1132D YSTONE-BL-R1132D Datasheet
641Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com