Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE12HMSE-K Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VE12HMSE-K
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE12HMSE-K Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VE12HMSE-K Datasheet HTML 1Page - Fujitsu Component Limited. VE12HMSE-K Datasheet HTML 2Page - Fujitsu Component Limited. VE12HMSE-K Datasheet HTML 3Page - Fujitsu Component Limited. VE12HMSE-K Datasheet HTML 4Page - Fujitsu Component Limited. VE12HMSE-K Datasheet HTML 5Page - Fujitsu Component Limited. VE12HMSE-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
VE SERIES
Item
VE-( ) HME-K
VE-( ) HE-K
VE-( ) HM5-K
VE-( ) H5-K
VE-( ) HM-K
VE-( ) H-K
Contact
Arrangement
1 form A (SPST-NO) 1 form C (SPDT)
1 form A (SPST-NO)
1 form C (SPDT)
Material
Gold overlay silver alloy
Silver-cadmium oxide alloy
Style
Single
Resistance (initial) (at 1 A 6 VDC)
Maximum 70 m
Ω (VE-HM, H)
Maximum 200 m
Maximum 100 m
Ω (VE-HME, HE)
Rating (resistive)
5 A 250 VAC
5 A 250 VAC (N.O.)
5 A 250 VAC
3 A 250 VAC (N.C.)
Maximum Carrying Current
7 A
Maximum Switching Power
1,250 VA
1,250 VA (N.O.)
1,250 VA
750 VA (N.C.)
Maximum Switching Voltage
250 VAC, 150 VDC
Maximum Switching Current
5 A
5 A (N.O.)
5 A
3 A (N.C.)
Minimum Switching Load*1
10 mA, 5 VDC (VE-HM, H), 100 mA 5 VDC (VE-HME, HE, HM5, H5)
Coil
Nominal Power (at 20
°C)
Standard type: 0.36 W. High sensitivity type: 0.25 W
Operate Power (at 20
°C)
Standard type: 0.177 W. High sensitivity type: 0.13 W
Operating Temperature
Standard: –40
°C to +85°C. High sensitivity: –40°C to +90°C (no frost)
Time Value
Operate (at nominal voltage)
Maximum 10 ms
Release (at nominal voltage)
Maximum 5 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
between open
1,000 VAC 1 minute 750 VAC 1 minute 1,000 VAC 1 minute 750 VAC 1 minute
Dielectric
contacts
Strength
between coil
2,000 VAC 1 minute
and contacts
Surge Strength
Standard type: 4,000 V (at 2
× 10 µs)
High dielectric strength type: 6,000 V (at 2
× 10 µs)
Life
Mechanical
1
× 107 operations minimum
Electrical (at Rating)
Standard Type: 1
× 105 ops. min. High sensitivity type: 5 × 104 ops. min.
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.3 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 3.3 mm)
Shock
Misoperation
100 m/s2 (11
±1 ms)
Resistance
Endurance
500 m/s2 (6
±1 ms)
Weight
Approximately 8 g
s SPECIFICATIONS
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.


Similar Part No. - VE12HMSE-K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE1206K101R002 KEMET-VE1206K101R002 Datasheet
1Mb / 15P
   Surface Mount Varistors VE Series High Temperature
VE1206K101R004 KEMET-VE1206K101R004 Datasheet
1Mb / 15P
   Surface Mount Varistors VE Series High Temperature
VE1206K101R006 KEMET-VE1206K101R006 Datasheet
1Mb / 15P
   Surface Mount Varistors VE Series High Temperature
VE1206K101R008 KEMET-VE1206K101R008 Datasheet
1Mb / 15P
   Surface Mount Varistors VE Series High Temperature
VE1206K101R011 KEMET-VE1206K101R011 Datasheet
1Mb / 15P
   Surface Mount Varistors VE Series High Temperature
More results

Similar Description - VE12HMSE-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com