Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL145567N Datasheet(PDF) 6 Page - Integral Corp.

Part # IL145567N
Description  PCM CODEC - FILTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL145567N Datasheet(HTML) 6 Page - Integral Corp.

Back Button IL145567N Datasheet HTML 2Page - Integral Corp. IL145567N Datasheet HTML 3Page - Integral Corp. IL145567N Datasheet HTML 4Page - Integral Corp. IL145567N Datasheet HTML 5Page - Integral Corp. IL145567N Datasheet HTML 6Page - Integral Corp. IL145567N Datasheet HTML 7Page - Integral Corp. IL145567N Datasheet HTML 8Page - Integral Corp. IL145567N Datasheet HTML 9Page - Integral Corp. IL145567N Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IL145567
Analogue transmission characteristics
(VCC = 5 V ± 5%, VBB = -5 V ± 5%, GNDA = 0 V, dBm0 = 1.2276Vrms = 4 dBm with load 600 Ohm,
FSX = FSR = 8 kHz, BCLKX = MCLKX = 2.048 MHz at synchronous operation, VFXI- connected to GSX)
Through
channel
Channel AD Channel DA
Characteristic
min
max min max min max
Unit
Change of amplification ratio (relatively to level 0 dBm0
on frequency 1.02 kHz, TA = 25 °С, at
VCC = 5V, VBB = -5V)
-0.25 0.25 -0.25 0.25
dB
Change of amplification ratio
depending on temperature
0 to 70
°С
–40 to + 85
°С
±0.03
±0.06
±0.03
±0.06
dB
Change of amplification ratio depending on supply
voltage (VCC = 5V, ± 5%, VBB = 5V ±5%)
±0.02
±0.02
dB
Change of amplification ratio
depending on signal strength
(relatively to level -10 dBm0 on
frequency 1.02 kHz) *
from 3 to –40 dB
from –40 to –50 dB
from –50 to –55 dB
-0.4
-0.8
-1.6
0.4
0.8
1.6
-0.2
-0.4
-0.8
0.2
0.4
0.8
-0.2
-0.4
-0.8
-0.2
-0.4
-0.8
dB
Total distortions of signal at
frequency 1 kHz
3 dBм0
0
÷ - 30 dBm0
-40 dBm0
-45 dBm0
-55 dBm0
33
35
29
24
15
33
36
30
25
15
33
36
30
25
15
dB
Total distortions with pseudonoise
as per CCITT G.714
-3 dBm0
6
÷ - 27 dBm0
-34 dBm0
-40 dBm0
-55 dBm0
27.5
35
33.1
28.2
13.2
28
35.5
33.5
28.5
13.5
28.5
36
34.2
30
15
dB
Noise of "silent" channel (for trough channel and
channel AD psophometrically weighted)
-70
-70
-83
dBm
Amplitude-frequency characteristic
(AFC).
(Relatively to level 0 dBm0 at
frequency 1.02 kHz) *
15 Hz
50 Hz
60 Hz
200 Hz
from 300 to 3000 Hz
3300 Hz
3400 Hz
4000 Hz
4600 Hz
-0.3
-0.70
-1.6
-40
-30
-26
0.3
0.3
0
-28
-60
-1.0
-0.15
-0.35
-0.8
-40
-30
-26
-0.4
0.15
0.15
0
-14
-32
-0.15
-0.15
-0.15
-0.15
-0.15
-0.35
-0.8
0
0
0
0
0.15
0.15
0
-14
-30
dB
Noise level in the frequency range from 300 to 3000 Hz
(relatively to level 0 dBm0 at frequency 1.02 kHz under
transmission and receipt) *
-48
-48
-48
dB
Attenuation of parasitic
harmonics beyond the limits of
gating frequency VFRO VFRO
(Relatively to input signal of
frequency 300–3400 Hz and
level
0 dBm0)
from 4600 to 7600 Hz
from 7600 to 8400 Hz
from 8400 to 100000
Hz
-30
-40
-30
-30
-40
-30
dB
6


Similar Part No. - IL145567N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
IL1458D IKSEMICON-IL1458D Datasheet
213Kb / 5P
   Dual Operational Amplifiers
IL1458N IKSEMICON-IL1458N Datasheet
213Kb / 5P
   Dual Operational Amplifiers
More results

Similar Description - IL145567N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com