Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL91350AN Datasheet(PDF) 6 Page - Integral Corp.

Part # IL91350AN
Description  13 Memory Tone/Pulse Dialer with Handfree and Hold Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL91350AN Datasheet(HTML) 6 Page - Integral Corp.

Back Button IL91350AN Datasheet HTML 2Page - Integral Corp. IL91350AN Datasheet HTML 3Page - Integral Corp. IL91350AN Datasheet HTML 4Page - Integral Corp. IL91350AN Datasheet HTML 5Page - Integral Corp. IL91350AN Datasheet HTML 6Page - Integral Corp. IL91350AN Datasheet HTML 7Page - Integral Corp. IL91350AN Datasheet HTML 8Page - Integral Corp. IL91350AN Datasheet HTML 9Page - Integral Corp. IL91350AN Datasheet HTML 10Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IL91350A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND, VCC =2.5 V, TA =25°C*, FOSC. =
3.58 MHz)
All outputs
unloaded
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ICCT
Tone mode
-
0.50
ICCP
Pulse mode
-
0.30
ISB
Maximum Standby
Current
HKS = 0
No load & No key entry
-
15
µA
Maximum Operating
Current
mA
IMR
Maximum Memory
Retention Current
HKS = H
VCC = 1.0 V
-
0.2
µA
VTO
DTMF Output Voltage
Row group, RL = 5 kΩ
130
170
mVrms
TWIST
Pre-emphasis
Col/Row, VCC = 2.0 ∼ 5.5 V
1
3
dB
THD
DTMF Distortion
RL = 5 kΩ,
VCC = 2.0 ∼ 5.5 V
-
-23
dB
VTDC
DTMF Output DC Level
RL = 5 kΩ,
VCC = 2.0 ∼ 5.5 V
1.1
2.8
V
ITL
Minimum DTMF Sink
Output Current
VTO = 0.5 V
0.2
mA
IPL
Minimum DP Sink Output
Current
VPO = 0.5 V
0.5
mA
IML
Minimum T/P MUTE Sink
Output Current
VMO = 0.5 V
0.5
mA
RKH
HKS I/P Pull High
Resister
300
k
IHFH
VHFH = 2.0 V
0.5
-
IHFL
VHFL = 0.5 V
0.5
-
IKd
Keypad Input Drive
Current
VIN = 0 V
4
30
µA
IKS
Minimum Keypad Input
Sink Current
VIN = 2.5 V
200
-
µA
Maximum Keypad
Resistance
-
5.0
k
Minimum HFO Drive/Sink
Current
mA
* - from -20
°C to +70°C values of parameters are specifying.


Similar Part No. - IL91350AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91210E INTEGRAL-IL91210E Datasheet
441Kb / 11P
   Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
logo
List of Unclassifed Man...
IL91210EN ETC-IL91210EN Datasheet
42Kb / 3P
   TONE/PULSEDIALER
logo
Integral Corp.
IL91210EN INTEGRAL-IL91210EN Datasheet
441Kb / 11P
   Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
IL91214A INTEGRAL-IL91214A Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
More results

Similar Description - IL91350AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com