Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR186SCM Datasheet(PDF) 1 Page - International Rectifier

Part # OMR186SCM
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR186SCM Datasheet(HTML) 1 Page - International Rectifier

  OMR186SCM Datasheet HTML 1Page - International Rectifier OMR186SCM Datasheet HTML 2Page - International Rectifier OMR186SCM Datasheet HTML 3Page - International Rectifier OMR186SCM Datasheet HTML 4Page - International Rectifier OMR186SCM Datasheet HTML 5Page - International Rectifier OMR186SCM Datasheet HTML 6Page - International Rectifier OMR186SCM Datasheet HTML 7Page - International Rectifier OMR186SCM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
30 kRad - 100kRad Rad Tolerant LDO
Positive Adjustable Voltage Regulators in
Hermetic Packages
0 02 R0
30 kRad - 100kRad RADIATION TOLERANT 7.5A,
5A, 3A, 1.5A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATORS
FEATURES
• Operates Down to 1V Dropout, 1.5V @ Max. Current
• .015% Line Regulation
• .01% Load Regulation
• 1% Reference Voltage
• Hermetic Isolated and Non-Isolated Packages
• Radiation Tolerant up to 150 kRad (Si)
• Available Hi-Rel Screened, Class B and Class S, MIL-STD-883
DESCRIPTION
These three terminal positive adjustable voltage regulators are designed to provide 7.5A,
5A, 3A, and 1.5A with higher efficiency than conventional voltage regulators. The devices
are designed to operate to 1 Volt input to output differential and the dropout voltage is
specified as a function of load current. All devices are pin compatible with older three
terminal regulators. These devices are ideally suited for Space applications where small
size, high reliability, and radiation tolerance is required. The high level of Radiation
Tolerance of these devices makes them a desirable choice for LEO and many MEO and
GEO communication satellites. Radiation testing is performed on a single wafer by wafer
basis. Random die samples per wafer are selected, packaged and radiation tested to
qualify each individual semiconductor wafer-by-wafer.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage . ......................................................... .30 V
Operating Junction Temperature Range. . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature . ....................................... - 65°C to + 150°C
Output Current - OMR183SC, NM.. .................................. 7.5 A
OMR184SC, NM.. ....................................
5 A
OMR185ST, SR, NM. ..................................
3 A
OMR186ST, SR, NM.. ................................ 1.5 A
OMR186NH.. ....................................... 0.5 A
Lead Temperature (Soldering 10 seconds) ................................300° C
Surface Mount Package Soldering Temperature.............................250° C
Radiation Tolerant - Total Dose, OMR183, OMR184 .................. .100k Rad (Si)
Total Dose, OMR185 . .................................. 50k Rad (Si)
Total Dose, OMR186 . .................................. 30k Rad (Si)
Note:
OMR183 and OMR184 products are packaged in the TO-258 or SMD-1 Packages (7.5A & 5A).
OMR185 products are packaged in the TO-257, D2 Pac or SMD-1 Packages (3A).
OMR186 products are packaged in the TO-257, D2 Pac or SMD-1 or TO-205 Packages (1.5A & 0.5A).
OMR185 Series
OMR186 Series
OMR183 Series
OMR184 Series
Please see mechanical
outlines herein


Similar Part No. - OMR186SCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNH ETC-OMR117AHVNH Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNM ETC-OMR117AHVNM Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVSR ETC-OMR117AHVSR Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - OMR186SCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com