Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD601A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD601A
Description  Silicon PNP epitaxial planer type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD601A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD601A Datasheet HTML 1Page - Panasonic Semiconductor 2SD601A Datasheet HTML 2Page - Panasonic Semiconductor 2SD601A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SB709A
Silicon PNP epitaxial planer type
For general amplification
Complementary to 2SD601A
s Features
q
High foward current transfer ratio hFE.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–45
–45
–7
–200
–100
200
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
VCE = –10V, IB = 0
IC = –10µA, IE = 0
IC = –2mA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –2mA
IC = –100mA, IB = –10mA
VCB = –10V, IE = 1mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–45
–45
–7
160
typ
– 0.3
80
2.7
max
– 0.1
–100
460
– 0.5
Unit
µA
µA
V
V
V
V
MHz
pF
*1h
FE Rank classification
Rank
Q
R
S
hFE
160 ~ 260
210 ~ 340
290 ~ 460
Marking Symbol
BQ
BR
BS


Similar Part No. - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD601A PANASONIC-2SD601A Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD601A PANASONIC-2SD601A Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
logo
Guangdong Kexin Industr...
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
   Silicon NPN Epitaxial Planer Type
logo
SeCoS Halbleitertechnol...
2SD601A SECOS-2SD601A Datasheet
174Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com