Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRF10A40 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # FRF10A40
Description  FRD - Low Forward Voltage Drop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FRF10A40 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  FRF10A40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FRF10A40 Datasheet HTML 2Page - Nihon Inter Electronics Corporation FRF10A40 Datasheet HTML 3Page - Nihon Inter Electronics Corporation FRF10A40 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
FRF10A40 (Total)
0
255075
100
125
150
CASE TEMPERATURE (°C)
0
2
4
6
8
10
12
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°
SURGE CURRENT RATINGS
FRF10A40
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
20
40
60
80
0.02s
IFSM


Similar Part No. - FRF10A40

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FRF10A40 KSS-FRF10A40 Datasheet
644Kb / 5P
   Fast Recovery Diode
logo
National Instruments Co...
FRF10A40 NI-FRF10A40_15 Datasheet
147Kb / 1P
   FRED
More results

Similar Description - FRF10A40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF10A40B NIEC-FSF10A40B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
KCU20A60 NIEC-KCU20A60 Datasheet
45Kb / 5P
   FRD - Low Forward Voltage Drop
FSF05A40B NIEC-FSF05A40B Datasheet
54Kb / 4P
   FRD - Low Forward Voltage Drop
GSF05A40B NIEC-GSF05A40B Datasheet
52Kb / 4P
   FRD - Low Forward Voltage Drop
GSF05A60 NIEC-GSF05A60 Datasheet
51Kb / 4P
   FRD - Low Forward Voltage Drop
GSF10A40B NIEC-GSF10A40B Datasheet
52Kb / 4P
   FRD - Low Forward Voltage Drop
KCF60A20E NIEC-KCF60A20E Datasheet
44Kb / 4P
   FRD - Low Forward Voltage Drop
KCU30A30 NIEC-KCU30A30 Datasheet
59Kb / 5P
   FRD - Low Forward Voltage Drop
KSF60A60B NIEC-KSF60A60B Datasheet
43Kb / 4P
   FRD - Low Forward Voltage Drop
FSF05A20 NIEC-FSF05A20 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
FCF16A40 NIEC-FCF16A40 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com