Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2500-05QE Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM2500-05QE
Description  CMOS Multiplexer for Keypad Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2500-05QE Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM2500-05QE Datasheet HTML 1Page - California Micro Devices Corp CM2500-05QE Datasheet HTML 2Page - California Micro Devices Corp CM2500-05QE Datasheet HTML 3Page - California Micro Devices Corp CM2500-05QE Datasheet HTML 4Page - California Micro Devices Corp CM2500-05QE Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/21/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM2500-05
CMOS Multiplexer for Keypad Switches
Features
Functionally equivalent to a five-diode pair network
Up to 60% space saving vs. discrete solution
Flexibility in design with "separate" outputs
100k
Ω pull-up resistors on outputs
Voltage drop of less than 10mV under light loads
16-lead QFN package - 3mm x 3mm, 0.5mm pitch
Lead-free version available
Applications
Enables more keys from current keyboard control-
ler without extra I/O from chipset
Keypad switches in mobile electronics
Roller pad or joystick in mobile electronic products
Wireless Handsets
MP3 Players
Digital Cameras
Product Description
The CM2500-05 is a CMOS multiplexer for keypad
switches. The device is functionally equivalent to a
five-diode pair network. However, each channel in this
network has virtually no voltage drop from input to out-
put under light load. All inputs and outputs have an
internal pull up to VCC.
This device is particularly well suited for portable elec-
tronics (e.g. mobile handsets, PDAs, notebook com-
puters) because of its small package format. This
product is ideal for converting the logic of keypad
switches where each switch pulls two sense lines low.
The keypad multiplexer channels are set up in series
on the keypad sense lines such that it will interface
directly to the CPU chipset.
The CM2500-05 is available in a space-saving, low-
profile 16-lead QFN package. This presents a 60%
saving in space when compared with a discrete imple-
mentation. The CM2500-05 is available with optional
lead-free finishing.
Simplified Block Schematic
Simplified Module Schematic
(One channel pair only)
IN
IN
IN
IN
IN
BB
BB
B
AA
AA
A
GND
IN1
IN2
IN3
IN4
IN5
VCC
OUTA OUT1 OUT2 OUT3 OUT4 OUT5 OUTB
RR
R
R
R
R
R
R
R
R
RR
IN
GND
A
B
N1
N2


Similar Part No. - CM2500-05QE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM2500 PANJIT-CM2500 Datasheet
65Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
logo
Transys Electronics
CM2500 TRSYS-CM2500 Datasheet
160Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Visual Communications C...
CM250021 VCC-CM250021 Datasheet
86Kb / 1P
   Lamp
logo
Powerex Power Semicondu...
CM2500DY-24S POWEREX-CM2500DY-24S Datasheet
762Kb / 6P
   Dual Half-Bridge IGBTMOD HVIGBT Series Module 2500 Amperes/1200 Volts
More results

Similar Description - CM2500-05QE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
logo
ABCircuits
74C922-SO ABCIRCUITS-74C922-SO Datasheet
122Kb / 5P
   Keyboard / Keypad Encoder for up to 16 switches
December 2012
logo
Molex Electronics Ltd.
0948301001 MOLEX11-0948301001 Datasheet
126Kb / 2P
   Metal Dome for Keypad
logo
SG Micro Corp
SGM4582 SGMICRO-SGM4582 Datasheet
368Kb / 17P
   CMOS Analog Multiplexer
SGM4581 SGMICRO-SGM4581 Datasheet
367Kb / 17P
   CMOS Analog Multiplexer
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367_09 Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
logo
Grayhill, Inc
84R-AB2-112-PD GRAYHILL-84R-AB2-112-PD Datasheet
480Kb / 3P
   Rugged Keypad for Tough Environments
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367 Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
   Keypad
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com