Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3165 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # TD3165
Description  Solar Array Blocking Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TD3165 Datasheet(HTML) 1 Page - Microsemi Corporation

  TD3165 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2830 S. Fairview St.
Santa Ana, CA 92704
PH: 714.979.8220
FAX: 714.557.5989
MSC1048.PDF
Updated: November 1998
TD3165
Electrical Characteristics @ 25oC
Features
Very Thin Construction
Passivated mesa structure for very low leakage reverse currents
Epitaxial structure minimizes forward voltage drop
Hermetically sealed, extremely low profile ceramic seal package
Diode assembly has matched thermal coefficient of expansion
Weldable / Solderable interconnects
Applications
Designed for Solar Cell protection from plasma ESD
Extreme Temperature Cycling environments
Generically similar to product used on the International Space Station Alpha
Solar Array Blocking Diode
200 Volts
10 Amps
Screening
Temperature Cycling
High Temperature Reverse Bias
Power Burn-In
Electrical Cycling
Hermeticity
Junction Temperature Range -100 to +175 oC
Mechanical Outline
Qualification
Humidity Testing
Thermal Cycling (20,000 cycles)
Bond Strength
Electrical Cycling
ESD
SYMBOL
CHARACTERISTIC
CONDITIONS
MAX
UNITS
IR
Reverse (Leakage) Current VR = 180 Vdc
0.5
uAmps
VF1
Forward Voltage
IF = 0.1 A pulse test pw=300ms, d/c<2%
710
mVolts
VF2
Forward Voltage
IF = 0.5 A pulse test pw=300ms, d/c<2%
775
mVolts
VF3
Forward Voltage
IF = 2.0 A pulse test pw=300ms, d/c<2%
850
mVolts
VF4
Forward Voltage
IF = 5.0 A pulse test pw=300ms, d/c<2%
875
mVolts
VF5
Forward Voltage
IF = 10 A pulse test pw=300ms, d/c<2%
950
mVolts
BVR
Breakdown Voltage
IR = 100 uA
(min) 200 Volts


Similar Part No. - TD3165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD310 STMICROELECTRONICS-TD310 Datasheet
132Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310 Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310 Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
TD310D STMICROELECTRONICS-TD310D Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
More results

Similar Description - TD3165

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
Texas Instruments
TMS29LF800T TI1-TMS29LF800T Datasheet
647Kb / 49P
[Old version datasheet]   Array-Blocking Architecture
logo
Keysight Technologies
Z2094B KEYSIGHT-Z2094B Datasheet
1Mb / 8P
   Solar Array Simulator System
logo
NXP Semiconductors
BYD67 PHILIPS-BYD67 Datasheet
59Kb / 8P
   Ripple blocking diode
1999 Oct 20
BYM63 PHILIPS-BYM63 Datasheet
82Kb / 7P
   Ripple blocking diode
1996 Jun 10
BYQ63 PHILIPS-BYQ63 Datasheet
91Kb / 8P
   Ripple blocking diode
1998 Dec 04
BYD63 PHILIPS-BYD63 Datasheet
77Kb / 7P
   Ripple blocking diode
1996 Jun 10
logo
Shunye Enterprise
20SQ045 SHUNYE-20SQ045 Datasheet
299Kb / 2P
   SOLAR CELL SCHOTTKY RECTIFIER DIODE
10SQ030 SHUNYE-10SQ030 Datasheet
352Kb / 2P
   SOLAR CELL SCHOTTKY RECTIFIER DIODE
logo
Sensitron
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
   DIODE ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com