Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMF0513S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NMF0513S
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NMF0513S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NMF0513S Datasheet HTML 1Page - List of Unclassifed Manufacturers NMF0513S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
DESCRIPTION
The NMF Series is a family of miniature fully regulated isolated DC/DC converters.
Units are available with 5, 12, 24, and 48 VDC inputs and outputs of 5, 9, 12, 12.75,
and 15 VDC. Delivered power is 1 Watt, input to output isolation of 1000 VDC with
units occupying only 0.18 square inches of board space.
The NMF0512S and NMF0513S are specifically designed for use with flash memory.
A control pin is provided for remote in-circuit electrical erasure and reprogramming of
flash memory devices.
5VDC
100mA
NMF0505S
NMF1205S
NMF2405S
NMF4805S
9VDC
100mA
NMF0509S
NMF1209S
NMF2409S
NMF4809S
12VDC
83mA
NMF0512S
NMF1212S
NMF2412S
NMF4805S
12.75VDC
78mA
NMF0513S
15VDC
67mA
NMF0515S
NMF1215S
NMF2415S
NMF4815S
MODELS CHART
NMF SERIES
1 WATT
Flash Memory Programming
SHOWN
ACTUAL
SIZE
DC/DC Converters
OUTPUT
OUTPUT
PART NUMBERS
VOLTAGE(S)
CURRENT(S)
5VDC INPUT
12VDC INPUT
24VDC INPUT
48VDC INPUT
FEATURES
Remote Flash Programming
1000 VDC Isolation
0.18 in
2 Board Space
5, 9, 12, 12.75, and 15 VDC Outputs
Fully Regulated Outputs
100% Tested/Burned-In
5, 12, 24, and 48 VDC Inputs
Surface Mount Available
260 Hopping Brook Road
Holliston, Massachusetts 01746
Tel. (508) 429-4440
Fax (800) 226-2100
http://www.intlpower.com
International
Power Sources, Inc.


Similar Part No. - NMF0513S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMF0512D CANDD-NMF0512D Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF0512DC ETC2-NMF0512DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
logo
C&D Technologies
NMF0512S CANDD-NMF0512S Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF0512SC ETC2-NMF0512SC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
logo
C&D Technologies
NMF0515D CANDD-NMF0515D Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
More results

Similar Description - NMF0513S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com