Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC94551DR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC94551DR2
Description  Low Voltage 1:4 CMOS Clock Buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC94551DR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC94551DR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC94551DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC94551DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC94551DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MPC94551
Table 4. AC Characteristics (VDD = 3.3 V ± 5%; Ambient Temperature = –40°C to 85°C)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Frequency
0
160
MHz
Output Frequency(1)
1. Measured with an external series resistor of 33
Ω positioned close to each output pin
15 pF load
160
MHz
Output Clock Rise Time
tOR
0.8 V to 2.0 V
1.5
ns
Output Clock Fall Time
tOF
2.0 V to 0.8 V
1.5
ns
Propagation Delay(2)
2. Measured with rail to rail input clock
135 MHz
1.5
4
5
ns
Output to Output Skew(3)
3. Measured between any 2 outputs with equal loading
Rising edges at VDD/2
300
ps
L
h X 45˚
θ
C
SEATING
PLANE
S
B
M
0.25
A S
C
B
A1
C
A
0.10
1
4
5
8
M
B
M
0.25
D
E
H
A
B
e
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
L
0.40
1.25
θ
0.25
0.50
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D/EF SUFFIX
SOIC PACKAGE
CASE 751-06
ISSUE T
PACKAGE DIMENSIONS


Similar Part No. - MPC94551DR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
MPC94551EF RENESAS-MPC94551EF Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
MPC94551EFR2 RENESAS-MPC94551EFR2 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
More results

Similar Description - MPC94551DR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC94551 RENESAS-MPC94551 Datasheet
331Kb / 7P
   Low Voltage 1:4 CMOS Clock Buffer
2019
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
   1:3 CMOS Clock Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com