Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24VP04SI-BTE13 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # S24VP04SI-BTE13
Description  4K Serial E2PROM with a Precision Low-VCC Lockout Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S24VP04SI-BTE13 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button S24VP04SI-BTE13 Datasheet HTML 4Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 5Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 6Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 7Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 8Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 9Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 10Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 11Page - List of Unclassifed Manufacturers S24VP04SI-BTE13 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
S24VP04
2008 1.4 5/15/98
S24VP04-2.7
S24VP04–A
S24VP04–B
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
VLOCK
Write Lockout Voltage Level
2.55
2.70
4.25
4.50
4.50
4.75
V
tPUW
Power-Up Write Delay
130
20
130
270
130
270
ms
tLDLY
Delay to VLOCKOUT
55
5
µs
tGLITCH
Glitch Filter
30
30
30
ns
V
LOCK CIRCUIT AC and DC ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C
2008 PGM T4 1.3
FIGURE 11. BUS TIMING
CAPACITANCE
TA = 25°C, f = 100KHz
Symbol
Parameter
Max
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
8
pF
2008 PGM T3 1.0
SCL
SDA In
SDA Out
tAA
tR
tH IGH
tLOW
tSU:STO
tBUF
tSU:DAT
tHD:DAT
tHD:SDA
tSU:SDA
tDH
2008 ILL 13 1.0
tF


Similar Part No. - S24VP04SI-BTE13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S24 FAIRCHILD-S24 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S24 ETC2-S24 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S24 RFE-S24 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S24-120Q PANDUIT-S24-120Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S24-120Q0 PANDUIT-S24-120Q0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - S24VP04SI-BTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Seiko Instruments Inc
S-2934A SII-S-2934A Datasheet
647Kb / 16P
   CMOS 4K- bit serial E2PROM Compatible with NMC93C66, NS code
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com