Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1638A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB1638A
Description  Silicon PNP epitaxial planar type(For low-voltage switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1638A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB1638A Datasheet HTML 1Page - Panasonic Semiconductor 2SB1638A Datasheet HTML 2Page - Panasonic Semiconductor 2SB1638A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB1638, 2SB1638A
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
20
15
5
10
(1) T
C=Ta
(2) Without heat sink
(P
C=1.3W)
(1)
(2)
Ambient temperature Ta (˚C)
0–6
–5
–4
–1
–3
–2
0
–6
–5
–4
–3
–2
–1
T
C=25˚C
–45mA
–50mA
–35mA
–40mA
–25mA
–30mA
–20mA
–15mA
–10mA
–5mA
I
B=–60mA
Collector to emitter voltage V
CE
(V)
– 0.1
–1
–10
– 0.3
–3
– 0.01
–10
–1
– 0.1
– 0.03
– 0.3
–3
I
C/IB=30
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
V
CE=–2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0–8
–2
–6
–4
–7
–1
–5
–3
– 0.01
–10
–1
– 0.1
– 0.03
– 0.3
–3
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=30
(–I
B1=IB2)
V
CC=–20V
T
C=25˚C
t
stg
t
on
t
f
Collector current I
C
(A)
– 0.1
–1
–10
– 0.3
–3
– 0.01
–10
–1
– 0.1
– 0.03
– 0.3
–3
I
C/IB=30
T
C=100˚C
–25˚C
25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
V
CE=–10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
10ms
300ms
t=1ms
Collector to emitter voltage V
CE
(V)


Similar Part No. - 2SB1638A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1631 PANASONIC-2SB1631 Datasheet
52Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
logo
Rohm
2SB1639 ROHM-2SB1639 Datasheet
29Kb / 1P
   High-current gain Power Transistor (-60V, -3A)
More results

Similar Description - 2SB1638A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB935 PANASONIC-2SB935 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB947 PANASONIC-2SB947 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1604 PANASONIC-2SB1604 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1148 PANASONIC-2SB1148 Datasheet
59Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB953 PANASONIC-2SB953 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1603 PANASONIC-2SB1603 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB952 PANASONIC-2SB952 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB936 PANASONIC-2SB936 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SD1538 PANASONIC-2SD1538 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD1539 PANASONIC-2SD1539 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com