Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N04L163WC1AT2-70I Datasheet(PDF) 9 Page - NanoAmp Solutions, Inc.

Part # N04L163WC1AT2-70I
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04L163WC1AT2-70I Datasheet(HTML) 9 Page - NanoAmp Solutions, Inc.

Back Button N04L163WC1AT2-70I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 9Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 10Page - NanoAmp Solutions, Inc. N04L163WC1AT2-70I Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
(DOC# 14-02-018 REV I ECN# 01-1001)
9
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N04L163WC1A
44-Lead TSOP II Package (T44)
Note:
1. All dimensions in inches (Millimeters)
2. Package dimensions exclude molding flash
18.41±0.13
10.16±0.13
SEE DETAIL B
1.10±0.15
11.76±0.20
0.45
0.30
0.80mm REF
DETAIL B
0.80mm REF
0o-8o
0.20
0.00


Similar Part No. - N04L163WC1AT2-70I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Similar Description - N04L163WC1AT2-70I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com