Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF602ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602ID
Description  High-Speed, Closed-Loop Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602ID Datasheet(HTML) 2 Page - Texas Instruments

  BUF602ID Datasheet HTML 1Page - Texas Instruments BUF602ID Datasheet HTML 2Page - Texas Instruments BUF602ID Datasheet HTML 3Page - Texas Instruments BUF602ID Datasheet HTML 4Page - Texas Instruments BUF602ID Datasheet HTML 5Page - Texas Instruments BUF602ID Datasheet HTML 6Page - Texas Instruments BUF602ID Datasheet HTML 7Page - Texas Instruments BUF602ID Datasheet HTML 8Page - Texas Instruments BUF602ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Top View
1
2
3
5
4
Out
−V
CC
V
REF
+V
CC
In
AWO
Pin Orientation/Package Marking
SOT23−5
x1
x1
200
50k
50k
1
2
3
4
8
7
6
5
+V
CC
NC
NC
In
Out
NC
V
REF
−V
CC
SO−8
NC = No Connection
x1
x1
200
50k
50k
BUF602
SBOS339 – OCTOBER 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
BUF602ID
Rails, 75
BUF602
SO-8
D
–45
°C to +85°C
BUF602
BUF602IDR
Tape and Reel, 2500
BUF602IDBVT
Tape and Reel, 250
BUF602
SOT23-5
DBV
–45
°C to +85°C
AWO
BUF602IDBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document or see the TI
web site at www.ti.com.
Power Supply
±6.5V
DC
Internal Power Dissipation
See Thermal Information
Input Common-Mode Voltage Range
±V
S
Storage Temperature Range: D, DBV
–40
°C to +125°C
Lead Temperature (soldering, 10s)
+300
°C
Junction Temperature (TJ)
+150
°C
ESD Rating:
Human Body Model (HBM)
2000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2


Similar Part No. - BUF602ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF602ID TI-BUF602ID Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVR TI-BUF602IDBVR Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVRG4 TI-BUF602IDBVRG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVT TI-BUF602IDBVT Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results

Similar Description - BUF602ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com