Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC950DGGR Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC950DGGR
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950DGGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC950DGGR Datasheet HTML 5Page - Texas Instruments CDC950DGGR Datasheet HTML 6Page - Texas Instruments CDC950DGGR Datasheet HTML 7Page - Texas Instruments CDC950DGGR Datasheet HTML 8Page - Texas Instruments CDC950DGGR Datasheet HTML 9Page - Texas Instruments CDC950DGGR Datasheet HTML 10Page - Texas Instruments CDC950DGGR Datasheet HTML 11Page - Texas Instruments CDC950DGGR Datasheet HTML 12Page - Texas Instruments CDC950DGGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
CLK33 (Type 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.1
VOH
High-level output voltage
VDD = 3.135 V,
IOH = −18 mA
2.4
V
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 12 mA
0.15
0.4
VDD = 3.135 V,
VO = 1 V
−33
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−53
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−16
−33
mA
VDD = 3.135 V,
VO = 1.95 V
30
mA
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
51
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
21
38
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7.5
pF
Zo
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
12
35
55
Zo
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
12
35
55
† All typical values are measured at their respective nominal VDD values.
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(over)
Overshoot†
HCLK/HCLK 0.7-V
VOH + 200
mV
V(under)
Undershoot†
HCLK/HCLK 0.7-V
amplitude
VOL − 200
mV
V(over)
Overshoot†
Other clocks,
GND − 0.7
V
V(under)
Undershoot†
Other clocks,
CL = worst case
VDD + 0.7
V
tPZL
Output enable time
from low level
SEL100/133
All outputs
SEL100/133
Rref = 475 Ω
10
tPZH
Output enable time to
high level
SEL100/133
All outputs
SEL100/133
Rref = 475 Ω
10
ns
tPHZ
Output disable time
from high level
SEL100/133
All outputs
SEL100/133
Rref = 475 Ω
10
ns
tPLZ
Output disable time
from low level
SEL100/133
All outputs
SEL100/133
Rref = 475 Ω
10
ts
Stabilization time‡
VDD
All outputs
After power up
0.1
ms
ts
Stabilization time‡
PWRDWN
All outputs
From PWRDWN
0.25
ms
† These parameters are assured by design and lab characterization, not 100% production tested.
‡ Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for
phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at XIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics tables are not applicable. Stabilization time is defined as the
time since VDD achieves its nominal operating level (3.3 V) or PWRDWN transition from a low to a high level (2 V) until the output frequency is
stable and operating within specification.


Similar Part No. - CDC950DGGR

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDC950DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC930 TI-CDC930 Datasheet
363Kb / 17P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921 TI-CDC921 Datasheet
235Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com