Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR-B1376 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AR-B1376
Description  Half-size 386SX ISA-bus CPU Card with VGA/LCD, DOC, SSD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AR-B1376 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AR-B1376 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Half-size 386SX ISA-bus CPU Card with VGA/LCD, DOC, SSD
Features
80386SX-33MHz CPU
ISA and non-stack through PC/104 bus
Up to 32MB FPM or EDO RAM
Onboard VGA/LCD panel display
Supports two IDE hard disk devices and two floppy disk device
Up to 3MB Solid State Disk
Supports one Bi-directional parallel port
Supports two serial ports
PC/AT compatible keyboard
AMI BIOS
Built-in status LED indicators
Programmable Watchdog timer
Multi-layer PCB for noise reduction
AR-B1376
General
CPU
Chipset
Memory
VGA/LCD Display
Serial Port
33MHz
ALI M6117C
Up to 32MB FPM or EDO RAM (Using two 72-pin SIMMs)
1MB VRAM (1024 x768 / 256 colors)
Supports one IDE port up to two IDE devices and IDE flash Modules
Supports one FDC port up to two FDDs
Supports one Bi-directional parallel port
Supports oneRS-232C, one RS-232C/485 serial ports
PC/AT compatible keyboard
AMI Flash BIOS
Programmable watchdog timer
Built-in Power LED, HDD LED and Watchdog LED Indicators
Bus Interface
ISA and non-stack through PC/104 Bus
IDE
Parallel Port
FDD
Solid State Disk
1.5- 3MB Flash/SRAM/EPROM disk(3 socket), one socket for DOC
Keyboard
BIOS
Watchdog Timer
LED Indicator
Bus Speed
DMA Channels
Humidity
0 to 95% (non-condensing)
7.159MHz
7 DMA channels
Power Connector
15 vectored interrupt levels
0 to 60 Celsius degree (140 degrees F)
One 8-pin (2.5mm) power connector
BQ3287MT or compatible chips
Onboard buzzer and external speaker with 4-pin header
-25 to 85 Celsius degree
Operating Temperature
Interrupt Levels
RTC
Speaker
Storage Temp.
Ordering information:
Model No.
AR-B1376
Half-size 386SX ISA-bus CPU Card with VGA/LCD,
DOC, SSD
1. Cable : HDD cable, FDD cable, Print Port Cable
2. Disk : SSD Utility, DOS Driver, Win31 Driver
3. Adapter : AT to PS/2 keyboard Adapter
Description
Accessories
+5V, 1.5A Maximum
Power Req.
185 mm x 122 mm
Dimensions


Similar Part No. - AR-B1376

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR-B1320 ETC-AR-B1320 Datasheet
477Kb / 1P
   Compact 386SX PC/104 EPC with DOC, SSD
More results

Similar Description - AR-B1376

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR-B1474 ETC-AR-B1474 Datasheet
413Kb / 1P
   Half-size 486 ISA-bus CPU card with SSD
AR-B1570 ETC-AR-B1570 Datasheet
333Kb / 1P
   Half-size NS Geode GX1-300 Low Power ISA-bus CPU Card with VGA/LCD, LAN, DOC
CE-B1476 ETC-CE-B1476 Datasheet
83Kb / 1P
   Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM, VGA/LCD and D.O.C. board DRAM, VGA/LCD and D.O.C.
AR-B1320 ETC-AR-B1320 Datasheet
477Kb / 1P
   Compact 386SX PC/104 EPC with DOC, SSD
logo
Protech Systems Co., Lt...
BH-1105 PROTECHSYSTEMS-BH-1105 Datasheet
646Kb / 2P
   ISA Half size CPU Card
logo
List of Unclassifed Man...
AR-B1543 ETC1-AR-B1543 Datasheet
403Kb / 1P
   Half-size NS Geode GX1 PCI-bus CPU Card with VGA (CRT/LCD), LAN, DOC, Compact Flash (Optional)XZ
logo
Advantech Co., Ltd.
PCA-6775 ADVANTECH-PCA-6775 Datasheet
435Kb / 2P
   VIA Mark ISA Half-size SBC, with VGA/LVDS/TTL/LAN/SSD/USB 1.1
PCA-6742 ADVANTECH-PCA-6742_11 Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
PCA-6742VE-00A1E ADVANTECH-PCA-6742VE-00A1E Datasheet
2Mb / 2P
   Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
logo
List of Unclassifed Man...
HS-6252 ETC-HS-6252 Datasheet
307Kb / 1P
   800 MHZ EMBEDDED CPU PCI ISA BUS SBC WITH VGA, AUDIO DUAL LAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com