Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA61FC2 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # EA61FC2
Description  FRD - Low Power Loss
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EA61FC2 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  EA61FC2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation EA61FC2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation EA61FC2 Datasheet HTML 3Page - Nihon Inter Electronics Corporation EA61FC2 Datasheet HTML 4Page - Nihon Inter Electronics Corporation EA61FC2 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
EA61FC2/EA61FC2-F (Total)
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
0
1
2
3
4
5
6
7
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
EA61FC2/EA61FC2-F (Total)
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°


Similar Part No. - EA61FC2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EA61FC2 KSS-EA61FC2 Datasheet
825Kb / 6P
   Fast Recovery Diode
logo
Nihon Inter Electronics...
EA61FC2-F NIEC-EA61FC2-F Datasheet
49Kb / 5P
   FRD - Low Power Loss
logo
Kyocera Kinseki Corpota...
EA61FC2-F KSS-EA61FC2-F Datasheet
799Kb / 6P
   Fast Recovery Diode
logo
National Instruments Co...
EA61FC2-F_2015 NI-EA61FC2-F_2015 Datasheet
147Kb / 1P
   FRED
EA61FC2_2015 NI-EA61FC2_2015 Datasheet
132Kb / 1P
   FRED
More results

Similar Description - EA61FC2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EA31FS4-F NIEC-EA31FS4-F Datasheet
51Kb / 5P
   FRD - Low Power Loss
EA61FC6 NIEC-EA61FC6 Datasheet
42Kb / 5P
   FRD - Low Power Loss
EA21FC4 NIEC-EA21FC4 Datasheet
43Kb / 5P
   FRD - Low Power Loss
EA61FC4 NIEC-EA61FC4 Datasheet
42Kb / 5P
   FRD - Low Power Loss
EA21FC4-F NIEC-EA21FC4-F Datasheet
32Kb / 2P
   FRD - low Power Loss
EA31FS2 NIEC-EA31FS2 Datasheet
44Kb / 5P
   FRD - Low Power Loss
EA31FS2-F NIEC-EA31FS2-F Datasheet
51Kb / 5P
   FRD - Low Power Loss
EA31FS6-F NIEC-EA31FS6-F Datasheet
51Kb / 5P
   FRD - Low Power Loss
EA61FC2-F NIEC-EA61FC2-F Datasheet
49Kb / 5P
   FRD - Low Power Loss
ECU06B60 NIEC-ECU06B60 Datasheet
60Kb / 5P
   FRD - Low Power Loss
EA61FC4-F NIEC-EA61FC4-F Datasheet
32Kb / 2P
   FRD - Low Power Loss
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com