Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8560SJ425-BC Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8560SJ425-BC
Description  NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8560SJ425-BC Datasheet(HTML) 2 Page - California Eastern Labs

  NX8560SJ425-BC Datasheet HTML 1Page - California Eastern Labs NX8560SJ425-BC Datasheet HTML 2Page - California Eastern Labs NX8560SJ425-BC Datasheet HTML 3Page - California Eastern Labs NX8560SJ425-BC Datasheet HTML 4Page - California Eastern Labs NX8560SJ425-BC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NX8560SJ Series
PART NUMBER
NX8560SJ-CC
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Im (Pf)
Monitor Current, VRPD = 5V, IFLD = IOP
µA
10
200
Im p)
Monitor Current, VRPD = 5V, IFLD = IOP, Locking point
µA
5
100
Im (λ)
Operation Region1
%
25
75
1-λ2|
pm
90
ηλ1
Discrimination Slope, VRPD = 5V, IFLD = IOP, Locking point
µA/pm
0.24
ID
Dark Current, VRPD = 5 V, VEA = 0 V
nA
10
Ct
Terminal Capacitance, VRPD = 5 V, f = 1 Mhz
pF
15
γ2
Tracking Error, Im = const.
dB
0.5
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = TSET, TC = -5 to +70°C, BOL)
Note:
1. Operation region, Discrimination slope, Slope assignment.
PART NUMBER
NX8560SJ Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
R
Thermistor Resistance, TLD = 25°C
kΩ
9.5
10.0
10.5
B
B Constant
K
3350
3450
3550
IC
Cooler Current, TLD = Tset
A
1.2
VC
Cooler Voltage, TLD = Tset
V
2.4
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TC = -5 to +70°C)
ηλ =
| I1 – I2 |
| λ1 – λ2 |
Im @ 0%
I2: Im @ 25%
Im (
λp)
I1: Im @ 75%
Im @ 100%
0
λ1
λ2
λ (nm)
λp
Negative Slope
Operation region
Locking Point
Im @ 0%
I2: Im @ 25%
Im (
λp)
I1: Im @ 75%
Im @ 100%
0
λ1
λ2
λ (nm)
λp
Positive Slope
Operation region
Locking Point
Im
Im
0
(mW)
Pf
Pop
Pf
TLD = Tset, TC = 25 ºC
TLD = Tset, TC = –20 to 70 ºC
γ =
Pf
Pop
10 log
[dB]
2. Tracking Error: γ


Similar Part No. - NX8560SJ425-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8560SJ425-BC RENESAS-NX8560SJ425-BC Datasheet
268Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8560SJ425-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Ericsson
PGT20401 ERICSSON-PGT20401 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20404 ERICSSON-PGT20404 Datasheet
305Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20406 ERICSSON-PGT20406 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20403 ERICSSON-PGT20403 Datasheet
316Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20405 ERICSSON-PGT20405 Datasheet
297Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com