Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7N161845-FC13 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7N161845-FC13
Description  512Kx36 & 1Mx18-Bit Flow Through NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N161845-FC13 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7N161845-FC13 Datasheet HTML 7Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 8Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 9Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 10Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 11Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 12Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 13Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 14Page - Samsung semiconductor K7N161845-FC13 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 11 -
Rev 3.0
Nov. 2003
K7M161825A
K7M163625A
Output Load(B),
(for tLZC, tLZOE, tHZOE & tHZC)
Dout
353
Ω / 1538Ω
5pF*
+3.3V for 3.3V I/O
319
Ω / 1667Ω
Fig. 1
* Including Scope and Jig Capacitance
Output Load(A)
Dout
Zo=50
RL=50
VL=1.5V for 3.3V I/O
VDDQ/2 for 2.5V I/O
/+2.5V for 2.5V I/O
30pF*
AC TIMING CHARACTERISTICS(VDD=3.3V+0.165V/-0.165V, TA=0
°C to +70°C)
Notes : 1. The above parameters are also guaranteed at industrial temperature range.
2. All address inputs must meet the specified setup and hold times for all rising clock(CLK) edges when ADV is sample d low and CS is sampled
low. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
3. Chip selects must be valid at each rising edge of CLK(when ADV is Low) to remain enabled.
4. A write cycle is defined by WE low having been registerd into the device at ADV Low, A Read cycle is defined by WE High with ADV Low,
Both cases must meet setup and hold times.
5. To avoid bus contention, At a given vlotage and temperature tLZC is more than tHZC.
The soecs as shown do not imply bus contention because tLZC is a Min. parameter that is worst case at totally different test conditions
(0
°C,3.465V) than tHZC, which is a Max. parameter(worst case at 70°C,3.135V)
It is not possible for two SRAMs on the same board to be at such different voltage and temperatue.
PARAMETER
SYMBOL
-65
-75
UNIT
MIN
MAX
MIN
MAX
Cycle Time
tCYC
7.5
-
8.5
-
ns
Clock Access Time
tCD
-
6.5
-
7.5
ns
Output Enable to Data Valid
tOE
-
3.5
-
3.5
ns
Clock High to Output Low-Z
tLZC
2.5
-
2.5
-
ns
Output Hold from Clock High
tOH
2.5
-
2.5
-
ns
Output Enable Low to Output Low-Z
tLZOE
0
-
0
-
ns
Output Enable High to Output High-Z
tHZOE
-
3.5
-
3.5
ns
Clock High to Output High-Z
tHZC
-
3.8
-
4.0
ns
Clock High Pulse Width
tCH
2.5
-
2.8
-
ns
Clock Low Pulse Width
tCL
2.5
-
2.8
-
ns
Address Setup to Clock High
tAS
1.5
-
2.0
-
ns
CKE Setup to Clock High
tCES
1.5
-
2.0
-
ns
Data Setup to Clock High
tDS
1.5
-
2.0
-
ns
Write Setup to Clock High (WE, BWX)
tWS
1.5
-
2.0
-
ns
Address Advance Setup to Clock High
tADVS
1.5
-
2.0
-
ns
Chip Select Setup to Clock High
tCSS
1.5
-
2.0
-
ns
Address Hold from Clock High
tAH
0.5
-
0.5
-
ns
CKE Hold from Clock High
tCEH
0.5
-
0.5
-
ns
Data Hold from Clock High
tDH
0.5
-
0.5
-
ns
Write Hold from Clock High (WE , BW X)
tWH
0.5
-
0.5
-
ns
Address Advance Hold from Clock High
tADVH
0.5
-
0.5
-
ns
Chip Select Hold from Clock High
tCSH
0.5
-
0.5
-
ns
ZZ High to Power Down
tPDS
2
-
2
-
cycle
ZZ Low to Power Up
tPUS
2
-
2
-
cycle


Similar Part No. - K7N161845-FC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N161845A-QFCI25/20/16 SAMSUNG-K7N161845A-QFCI25/20/16 Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N161845M SAMSUNG-K7N161845M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
More results

Similar Description - K7N161845-FC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com