Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8560SJ350-BC Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8560SJ350-BC
Description  NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8560SJ350-BC Datasheet(HTML) 5 Page - California Eastern Labs

  NX8560SJ350-BC Datasheet HTML 1Page - California Eastern Labs NX8560SJ350-BC Datasheet HTML 2Page - California Eastern Labs NX8560SJ350-BC Datasheet HTML 3Page - California Eastern Labs NX8560SJ350-BC Datasheet HTML 4Page - California Eastern Labs NX8560SJ350-BC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
NX8560SJ Series
OUTLINE DIMENSIONS (Units in mm)
PARAMETER
UNITS
SPECIFICATIONS
Mode Field Diameter
µm
9.3±0.5
Cladding Diameter
µm
125±1
Tight Buffer Diameter
µm
900±100
Cut-off Wavelength
nm
<1270
Attenuation 1525 to 1575
dB/km
<0.3
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
900 MIN
Flammability
UL1581 VW-1
OPTICAL FIBER CHARACTERISTICS
8.99±0.5 mm
35±2 mm
Fiber Length: 900 mm MIN.
-CC : SC-UPC Connector
-BC : FC-UPC Connector
Optical Fiber (SMF)
Length : 900 MIN
30.0
0.75
20.83±0.13
26.04±0.13
15.24
71
2.54
22.0 MAX
4 -
φ2.67
1.25
0.9
10 MIN
8.89±0.13
12.7±0.15
6.0
#7
#1
Cooler
5.4
5.08
+
-
PD
PD (
λp)
(Pf)
LD
Thermistor
MOD
4.83
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
07/29/2003
PIN No.
FUNCTION
1
PD (λp) Anode (-)
2
THERMISTOR
3
LD DC Bias (+)
4
PD (Pf) ANODE (-)
5
PD (λp) AND
PD (Pf) CATHODE (+)
6
COOLER (+)
7
COOLER (-)
PIN CONNECTIONS


Similar Part No. - NX8560SJ350-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8560SJ350-BC RENESAS-NX8560SJ350-BC Datasheet
268Kb / 14P
   LASER DIODE
2003
More results

Similar Description - NX8560SJ350-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Ericsson
PGT20401 ERICSSON-PGT20401 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20404 ERICSSON-PGT20404 Datasheet
305Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20406 ERICSSON-PGT20406 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20403 ERICSSON-PGT20403 Datasheet
316Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20405 ERICSSON-PGT20405 Datasheet
297Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com