Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5409AZGU12 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320VC5409AZGU12
Description  Fixed-PointDigital Signal Processor
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5409AZGU12 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320VC5409AZGU12 Datasheet HTML 6Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 7Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 8Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 9Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 10Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 11Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 12Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 13Page - Texas Instruments TMS320VC5409AZGU12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
www.ti.com
2
Introduction
2.1
Description
2.2
Pin Assignments
2.2.1
Terminal Assignments for the GGU Package
A
B
D
C
E
F
H
J
L
M
K
N
G
1
2
3
4
5
6
7
8
10
12 11
13
9
TMS320VC5409A
Fixed-PointDigital Signal Processor
SPRS140F – NOVEMBER 2000 – REVISED JANUARY 2005
This section lists the pin assignments and describes the function of each pin. This data manual also
provides a detailed description section, electrical specifications, parameter measurement information, and
mechanical data about the available packaging.
NOTE
This data manual is designed to be used in conjunction with the TMS320C54x™ DSP
Functional Overview (literature number SPRU307).
The TMS320VC5409A fixed-point, digital signal processor (DSP) (hereafter referred to as the 5409A
unless otherwise specified) is based on an advanced modified Harvard architecture that has one program
memory bus and three data memory buses. This processor provides an arithmetic logic unit (ALU) with a
high degree of parallelism, application-specific hardware logic, on-chip memory, and additional on-chip
peripherals. The basis of the operational flexibility and speed of this DSP is a highly specialized instruction
set.
Separate program and data spaces allow simultaneous access to program instructions and data, providing
a high degree of parallelism. Two read operations and one write operation can be performed in a single
cycle. Instructions with parallel store and application-specific instructions can fully utilize this architecture.
In addition, data can be transferred between data and program spaces. Such parallelism supports a
powerful set of arithmetic, logic, and bit-manipulation operations that can all be performed in a single
machine cycle. The 5409A also includes the control mechanisms to manage interrupts, repeated
operations, and function calls.
Figure 2-1 illustrates the ball locations for the 144-pin ball grid array (BGA) package and is used in
conjunction with Table 2-1 to locate signal names and ball grid numbers. Figure 2-2 provides the pin
assignments for the 144-pin low-profile quad flatpack (LQFP) package.
Figure 2-1. 144-Ball GGU MicroStar BGA™ (Bottom View)
10
Introduction


Similar Part No. - TMS320VC5409AZGU12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5409AZGU16 TI1-TMS320VC5409AZGU16 Datasheet
914Kb / 97P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5409AZGU12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C6203 TI-SMJ320C6203 Datasheet
1Mb / 10P
[Old version datasheet]   FIXED POINT SIGNAL PROCESSOR
TMS320C6421 TI-TMS320C6421 Datasheet
562Kb / 59P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5405 TI-TMS320UC5405 Datasheet
1Mb / 77P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5402 TI-TMS320VC5402 Datasheet
948Kb / 68P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6411 TI-TMS320C6411 Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMS320C6205 TI-TMS320C6205_07 Datasheet
1Mb / 72P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6454BZTZ8 TI1-TMS320C6454BZTZ8 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5410A TI-TMS320VC5410A Datasheet
913Kb / 100P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5509 TI-TMS320VC5509_08 Datasheet
1Mb / 124P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5505 TI1-TMS320C5505_19 Datasheet
1Mb / 157P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com