Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7N163601-FI16 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7N163601-FI16
Description  512Kx36 & 1Mx18-Bit Flow Through NtRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N163601-FI16 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7N163601-FI16 Datasheet HTML 2Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 3Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 4Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 5Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 6Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 7Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 8Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 9Page - Samsung semiconductor K7N163601-FI16 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 6 -
Rev 3.0
Nov. 2003
K7M161825A
K7M163625A
FUNCTION DESCRIPTION
The K7M163625A and K7M161825A are NtRAMTM designed to sustain 100% bus bandwidth by eliminating turnaround cycle when
there is transition from Read to Write, or vice versa.
All inputs (with the exception of OE, LBO and ZZ) are synchronized to rising clock edges.
All read, write and deselect cycles are initiated by the ADV input. Subsequent burst addresses can be internally generated by the
burst advance pin (ADV). ADV should be driven to Low once the device has been deselected in order to load a new address for next
operation.
Clock Enable(CKE) pin allows the operation of the chip to be suspended as long as necessary. When CKE is high, all synchronous
inputs are ignored and the internal device registers will hold their previous values.
NtRAMTM latches external address and initiates a cycle, when CKE, ADV are driven to low and all three chip enables( CS1, CS 2, CS 2)
are active .
Output Enable(OE ) can be used to disable the output at any given time.
Read operation is initiated when at the rising edge of the clock, the address presented to the address inputs are latched in the
address register, CKE is driven low, all three chip enables( CS 1, CS2, CS2) are active, the write enable input signals WE are driven
high, and ADV driven low. Data appears at the outputs within the same clock cycle as the address for the data. Also during read
operation OE must be driven low for the device to drive out the requested data.
Write operation occurs when WE is driven low at the rising edge of the clock. BW [d:a] can be used for byte write operation. The Flow
Through NtRAMTM uses a late write cycle to utilize 100% of the bandwidth.
At the first rising edge of the clock, WE and address are registered, and the data associated with that address is required one cycle
later.
Subsequent addresses are generated by ADV High for the burst access as shown below. The starting point of the burst seguence is
provided by the external address. The burst address counter wraps around to its initial state upon completion.
The burst sequence is determined by the state of the LBO pin. When this pin is low, linear burst sequence is selected.
And when this pin is high, Interleaved burst sequence is selected.
During normal operation, ZZ must be driven low. When ZZ is driven high, the SRAM will enter a Power Sleep Mode after 2 cycles. At
this time, internal state of the SRAM is preserved. When ZZ returns to low, the SRAM normally operates after 2 cycles of wake up
time.
BURST SEQUENCE TABLE
(Interleaved Burst, LBO=High)
LBO PIN
HIGH
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
0
1
1
1
0
0
1
0
1
0
BQ TABLE
(Linear Burst, LBO =Low)
Note : 1. LBO pin must be tied to High or Low, and Floating State must not be allowed
.
LBO PIN
LOW
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
Fourth Address
0
0
1
1
0
1
0
1
0
1
1
0
1
0
1
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
1
0


Similar Part No. - K7N163601-FI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N163601A-QFCI25/20/16 SAMSUNG-K7N163601A-QFCI25/20/16 Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
More results

Similar Description - K7N163601-FI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com