Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784225 Datasheet(PDF) 8 Page - NEC

Part # UPD784225
Description  16-Bit Single-Chip Microcontrollers
Download  733 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784225 Datasheet(HTML) 8 Page - NEC

Back Button UPD784225 Datasheet HTML 4Page - NEC UPD784225 Datasheet HTML 5Page - NEC UPD784225 Datasheet HTML 6Page - NEC UPD784225 Datasheet HTML 7Page - NEC UPD784225 Datasheet HTML 8Page - NEC UPD784225 Datasheet HTML 9Page - NEC UPD784225 Datasheet HTML 10Page - NEC UPD784225 Datasheet HTML 11Page - NEC UPD784225 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 733 page
background image
8
Preliminary User’s Manual U13987EJ1V0UM00
How to Read This Manual
Readers are required to have a general knowledge of electric engineering, logic circuits and
microcomputers.
• Unless otherwise specified
The
µPD784938 is treated as the representative model. If using the µPD784935, 784936,
784937, and 78F4938, take the
µPD784938 for the µPD784935, 784936, 784937, and
78F4938.
♦ To understand overall functions of the
µPD784938 Subseries:
→ Read this manual in the order of the CONTENTS.
♦ To learn about differences from the
µPD784908 Subseries:
→ See 1.8 Main Differences with
µPD784908 Subseries.
♦ If the device operates strangely after debugging:
→ Cautions are summarized at the end of each chapter, so refer to the cautions for the
relevant function.
♦ To learn the detailed functions of a register whose register name is known:
→ Use APPENDIX C REGISTER INDEX.
♦ To learn the details of the instruction functions:
→ Refer to 78K/IV Series User’s Manual-Instruction (U10905E) separately available.
♦ To learn about the electrical characteristics:
→ Refer to Data Sheets.
♦ To learn about application examples of each function:
→ Refer to Application Note separately available.
Conventions
Data significance:
Higher digits on the left and lower digits on the right
Active low representation:
× × × (Overscore over pin or signal name)
Note:
Footnote for item marked with Note in the text
Caution:
Information requiring particular attention
Remark:
Supplementary information
Numerical representation: Binary .........................
× × × × B or × × × ×
Decimal ......................
× × × ×
Hexadecimal ...............
× × × × H


Similar Part No. - UPD784225

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784225 NEC-UPD784225 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784225 NEC-UPD784225 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225 NEC-UPD784225 Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784225GC NEC-UPD784225GC Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784225GK NEC-UPD784225GK Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD784225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com