Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4376DY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI4376DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4376DY Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI4376DY Datasheet HTML 2Page - Vishay Siliconix SI4376DY Datasheet HTML 3Page - Vishay Siliconix SI4376DY Datasheet HTML 4Page - Vishay Siliconix SI4376DY Datasheet HTML 5Page - Vishay Siliconix SI4376DY Datasheet HTML 6Page - Vishay Siliconix SI4376DY Datasheet HTML 7Page - Vishay Siliconix SI4376DY Datasheet HTML 8Page - Vishay Siliconix SI4376DY Datasheet HTML 9Page - Vishay Siliconix SI4376DY Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Si4376DY
Vishay Siliconix
www.vishay.com
6
Document Number: 71934
S-31726—Rev. C, 18-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET CHANNEL−2
0
400
800
1200
1600
2000
0
5
10
15
20
25
30
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
0
2468
10
VGS = 10 thru 4 V
TC = 125_C
-55_C
25_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
3 V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
6
12
18
24
30
0.000
0.006
0.012
0.018
0.024
0.030
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Crss
VDS = 15 V
ID = 7.5 A
ID - Drain Current (A)
VGS = 10 V
ID = 7.5 A
VGS = 10 V
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
Coss
Ciss


Similar Part No. - SI4376DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4370DY VISHAY-SI4370DY Datasheet
91Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4378DY VISHAY-SI4378DY Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY-E3 VISHAY-SI4378DY-E3 Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY-T1-E3 VISHAY-SI4378DY-T1-E3 Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY_RC VISHAY-SI4378DY_RC Datasheet
348Kb / 3P
   R-C Thermal Model Parameters
Revision 02-Mar-06
More results

Similar Description - SI4376DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com