Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC299TTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC299TTR
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC299TTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC299TTR Datasheet HTML 2Page - STMicroelectronics M74HC299TTR Datasheet HTML 3Page - STMicroelectronics M74HC299TTR Datasheet HTML 4Page - STMicroelectronics M74HC299TTR Datasheet HTML 5Page - STMicroelectronics M74HC299TTR Datasheet HTML 6Page - STMicroelectronics M74HC299TTR Datasheet HTML 7Page - STMicroelectronics M74HC299TTR Datasheet HTML 8Page - STMicroelectronics M74HC299TTR Datasheet HTML 9Page - STMicroelectronics M74HC299TTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
M74HC299
6/13
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
(QA, QH)
2.0
50
25
60
75
90
ns
4.5
7
121518
6.0
6
101315
tTLH tTHL Output Transition
Time
(QA’, QH’)
2.0
50
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time
(CLOCK - QA’,
QH’)
2.0
50
85
170
215
255
ns
4.5
23
34
43
51
6.0
18
29
37
43
tPHL
Propagation Delay
Time
(CLEAR - QA’, QH’)
2.0
50
85
175
220
265
ns
4.5
24
35
44
53
6.0
18
30
37
45
tPLH tPHL Propagation Delay
Time
(CLOCK - QA, QH)
2.0
50
80
160
200
240
ns
4.5
21
32
40
48
6.0
17
27
34
41
2.0
150
100
200
250
300
ns
4.5
26
40
50
60
6.0
21
34
43
51
tPZL tPZH High Impedance
Output Enable
Time
2.0
50
RL = 1 K
60
130
165
195
ns
4.5
17
26
33
39
6.0
13
22
28
33
2.0
150
RL = 1 K
78
170
15
255
ns
4.5
23
34
43
51
6.0
17
29
37
43
tPLZ tPHZ High Impedance
Output Disable
Time
2.0
50
RL = 1 K
54
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
fMAX
Maximum Clock
Frequency
2.0
50
6
12
4.8
4
MHz
4.5
30
58
24
20
6.0
35
80
28
24
tW(L)
tW(H)
Minimum Pulse
Width (CLOCK)
2.0
50
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width (CLEAR)
2.0
50
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
ts
Minimum Set-up
Time (S0, S1)
(SL, SR, A, H)
2.0
50
100
125
150
ns
4.5
20
25
30
6.0
17
21
26
th
Minimum Hold
Time (S0, S1)
(SL, SR, A, H)
2.0
50
000
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Removal
Time (CLEAR)
2.0
50
50
65
75
ns
4.5
10
13
15
6.0
9
11
13


Similar Part No. - M74HC299TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299B1R STMICROELECTRONICS-M74HC299B1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299C1R STMICROELECTRONICS-M74HC299C1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299F1R STMICROELECTRONICS-M74HC299F1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
M74HC299M1R STMICROELECTRONICS-M74HC299M1R Datasheet
306Kb / 15P
   CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
More results

Similar Description - M74HC299TTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com