Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A803600A-16 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7A803600A-16
Description  256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A803600A-16 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7A803600A-16 Datasheet HTML 6Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 7Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 8Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 9Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 10Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 11Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 12Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 13Page - Samsung semiconductor K7A803600A-16 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
K7A801800A
256Kx36 & 512Kx18 Synchronous SRAM
- 10 -
Rev 1.0
July 2000
K7A803600A
DC ELECTRICAL CHARACTERISTICS(VDD=3.3V+0.165V/-0.165V, TA=0
°C to +70°C)
Notes : 1. Reference AC Operating Conditions and Characteristics for input and timing.
2. Data states are all zero.
3. In Case of I/O Pins, the Max. VIH=VDDQ+0.3V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
NOTES
Input Leakage Current(except ZZ)
IIL
VDD = Max ; VIN=VSS to VDD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled, VOUT=VSS to VDDQ
-2
+2
µA
Operating Current
ICC
Device Selected, IOUT=0mA,
ZZ
≤VIL , Cycle Time ≥ tCYC Min
-16
-
420
mA
1,2
-15
-
410
-14
-
390
-10
-
350
Standby Current
ISB
Device deselected, IOUT=0mA,
ZZ
≤VIL, f=Max,
All Inputs
≤0.2V or ≥ VDD-0.2V
-16
-
160
mA
-15
-
150
-14
-
130
-10
-
120
ISB1
Device deselected, IOUT=0mA, ZZ
≤0.2V,
f = 0, All Inputs=fixed (VDD-0.2V or 0.2V)
-
100
mA
ISB2
Device deselected, IOUT=0mA, ZZ
≥VDD-0.2V,
f=Max, All Inputs
≤VIL or ≥VIH
-
50
mA
Output Low Voltage(3.3V I/O)
VOL
IOL=8.0mA
-
0.4
V
Output High Voltage(3.3V I/O)
VOH
IOH=-4.0mA
2.4
-
V
Output Low Voltage(2.5V I/O)
VOL
IOL=1.0mA
-
0.4
V
Output High Voltage(2.5V I/O)
VOH
IOH=-1.0mA
2.0
-
V
Input Low Voltage(3.3V I/O)
VIL
-0.3*
0.8
V
Input High Voltage(3.3V I/O)
VIH
2.0
VDD+0.5**
V
3
Input Low Voltage(2.5V I/O)
VIL
-0.3*
0.7
V
Input High Voltage(2.5V I/O)
VIH
1.7
VDD+0.5**
V
3
VSS
VIH
VSS-1.0V
20% tCYC(MIN)
(VDD=3.3V+0.165V/-0.165V,VDDQ=3.3V+0.165/-0.165V or VDD=3.3V+0.165V/-0.165V,VDDQ=2.5V+0.4V/-0.125V, TA=0to70
°C)
TEST CONDITIONS
Parameter
Value
Input Pulse Level(for 3.3V I/O)
0 to 3.0V
Input Pulse Level(for 2.5V I/O)
0 to 2.5V
Input Rise and Fall Time(Measured at 20% to 80% for 3.3V I/O)
1.0V/ns
Input Rise and Fall Time(Measured at 20% to 80% for 2.5V I/O)
1.0V/ns
Input and Output Timing Reference Levels for 3.3V I/O
1.5V
Input and Output Timing Reference Levels for 2.5V I/O
VDDQ/2
Output Load
See Fig. 1


Similar Part No. - K7A803600A-16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803600B SAMSUNG-K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B-QC14 SAMSUNG-K7A803600B-QC14 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803600B-QC16 SAMSUNG-K7A803600B-QC16 Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
More results

Similar Description - K7A803600A-16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
DS_K7B803625B SAMSUNG-DS_K7B803625B Datasheet
439Kb / 19P
   256Kx36 & 512Kx18-Bit Synchronous Burst SRAM
K7P803611B SAMSUNG-K7P803611B Datasheet
256Kb / 13P
   256Kx36 & 512Kx18 Synchronous Pipelined SRAM
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
   256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
K7A803600M SAMSUNG-K7A803600M Datasheet
542Kb / 20P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803600B SAMSUNG-K7A803600B_06 Datasheet
422Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
KM718V987 SAMSUNG-KM718V987 Datasheet
574Kb / 21P
   256Kx36 & 512Kx18 Synchronous SRAM
K7A803609B SAMSUNG-K7A803609B_06 Datasheet
420Kb / 19P
   256Kx36 & 512Kx18 Synchronous SRAM
DS_K7N803645B SAMSUNG-DS_K7N803645B Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
DS_K7A803600B SAMSUNG-DS_K7A803600B Datasheet
401Kb / 18P
   256Kx36 & 512Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com