Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7A403200M-10 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7A403200M-10
Description  128Kx32-Bit Synchronous Pipelined Burst SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A403200M-10 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7A403200M-10 Datasheet HTML 2Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 3Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 4Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 5Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 6Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 7Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 8Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 9Page - Samsung semiconductor K7A403200M-10 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
K7A403200M
128Kx32 Synchronous SRAM
- 6 -
Rev 5.0
February 1999
PASS-THROUGH TRUTH TABLE
Note : 1. This operation makes written data immediately available at output during a read cycle preceded by a write cycle.
PREVIOUS CYCLE
PRESENT CYCLE
NEXT CYCLE
OPERATION
WRITE
OPERATION
CS1
WRITE
OE
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
Initiate Read Cycle
Address=An
Data=Qn-1 for all bytes
L
H
L
Read Cycle
Data=Qn
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
No new cycle
Data=Qn-1 for all bytes
H
H
L
No carryover from
previous cycle
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
No new cycle
Data=High-Z
H
H
H
No carryover from
previous cycle
Write Cycle, One byte
Address=An-1, Data=Dn-1
One L
Initiate Read Cycle
Address=An
Data=Qn-1 for one byte
L
H
L
Read Cycle
Data=Qn
Write Cycle, One byte
Address=An-1, Data=Dn-1
One L
No new cycle
Data=Qn-1 for one byte
H
H
L
No carryover from
previous cycle
ABSOLUTE MAXIMUM RATINGS*
*Note : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.3 to 6.0
V
Voltage on I/O Pin Relative to VSS
VIO
-0.3 to VDDQ+0.5
V
Power Dissipation
PD
1.6
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
CAPACITANCE*(TA=25
°C, f=1MHz)
*Note : Sampled not 100% tested.
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
7
pF
OPERATING CONDITIONS at 3.3V I/O (0
°C≤ TA≤70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.6
V
VDDQ
3.135
3.3
3.6
V
Ground
VSS
0
0
0
V
OPERATING CONDITIONS at 2.5V I/O(0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.6
V
VDDQ
2.375
2.5
2.9
V
Ground
VSS
0
0
0
V


Similar Part No. - K7A403200M-10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403200B SAMSUNG-K7A403200B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403200B SAMSUNG-K7A403200B Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403200B-QC SAMSUNG-K7A403200B-QC Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results

Similar Description - K7A403200M-10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A203200A SAMSUNG-K7A203200A Datasheet
279Kb / 15P
   64Kx32-Bit Synchronous Pipelined Burst SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
DS_K6X8016C3B SAMSUNG-DS_K6X8016C3B Datasheet
130Kb / 9P
   64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com