Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38749EET-XXXFS Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M38749EET-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38749EET-XXXFS Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M38749EET-XXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38749EET-XXXFS Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
9
3874 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION (Extended operating
temperature version)
The 3874 group (extended operating temperature version) is de-
signed for automotive comfort and amusement control such as
audio, air-conditioner etc., household appliances, and other con-
sumer applications.
Mitsubishi plans to expand the 3874 group (extended operating
temperature version) as follows:
Memory Type
Support for mask ROM, One Time PROM, and EPROM versions
Memory Size
ROM/PROM size ............................................... 48 K to 60 K bytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
80P6S-A .................................. 0.65 mm-pitch plastic molded QFP
80D0 ....................... 0.8 mm-pitch ceramic LCC (EPROM version)
Fig. 6 Memory expansion plan (Extended operating temperature version)
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 3 Support products
Product name
As of March 1998
61440
(61310)
49152
(49022)
(P) ROM size (bytes)
ROM size for User in (
)
Memory Expansion Plan of 3874 group (Extended operating temperature version)
Products under development or planning : the development schedule and specification may be revised without notice.
Planning products may be stopped during the development.
M38749EFDGP
M38749EFFS
M38749MFF
M38747MCF
2048
80P6S-A
80D0
One Time PROM version (blank)
1024
80P6S-A
EPROM version (for software development, operat-
ing temperature = –20 to 85°C)
Mask ROM version
32K
1024
60K
ROM size (bytes)
RAM size (byte)
1536
2048
36K
40K
44K
48K
52K
56K
28K
24K
16K
20K
Mass product
Mass product
M38749MFF/EFD
M38747MCF


Similar Part No. - M38749EET-XXXFS

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3874 HEYCO-M3874 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
More results

Similar Description - M38749EET-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com