Electronic Components Datasheet Search |
|
IDT70T3589S200BC Datasheet(PDF) 1 Page - Integrated Device Technology |
|
IDT70T3589S200BC Datasheet(HTML) 1 Page - Integrated Device Technology |
1 / 28 page ©2004 Integrated Device Technology, Inc. APRIL 2004 DSC 5666/6 1 Functional Block Diagram – Data input, address, byte enable and control registers – Self-timedwriteallowsfastcycletime ◆ Separate byte controls for multiplexed bus and bus matching compatibility ◆ Dual Cycle Deselect (DCD) for Pipelined Output Mode ◆ 2.5V (±100mV) power supply for core ◆ LVTTL compatible, selectable 3.3V (±150mV) or 2.5V (±100mV) power supply for I/Os and control signals on each port ◆ Industrial temperature range (-40°C to +85°C) is available at 166MHz and 133MHz ◆ Available in a 256-pin Ball Grid Array (BGA), a 208-pin Plastic Quad Flatpack (PQFP) and 208-pin fine pitch Ball Grid Array (fpBGA) ◆ Supports JTAG features compliant with IEEE 1149.1 ◆ Due to limited pin count JTAG is not supported on the 208- pin PQFP package HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE IDT70T3519/99/89S REPEATR A0R CNTENR ADSR Dout0-8_R Dout9-17_R I/O0R -I/O35R Din_R ADDR_R OER BE3R BE2R BE1R BE0R R/ WR CE0R CE1R 1 0 1/0 FT/PIPER 1a 0a 1b 0b 1c 0c 1d 0d dc b a CLKR , Counter/ Address Reg. dc b a 0/1 0d 1d 0c 1c 0b 1b 0a 1a B W 2 R B W 1 R B W 0 R FT/PIPER Counter/ Address Reg. CNTENL ADSL REPEATL Dout0-8_L Dout9-17_L Dout18-26_L Dout27-35_L D out18-26_R D out27-35_R B W 0 L B W 1 L B W 2 L B W 3 L I/O0L -I/O35L A17L(1) A0L Din_L ADDR_L OEL 5666 drw 01 BE3L BE2L BE1L BE0L R/ WL CE0L CE1L 256/128/64K x 36 MEMORY ARRAY CLKL abc d FT/PIPEL 0/1 1d 0d 1c 0c 1b 0b 1a 0a B W 3 R , JTAG TCK TRST TMS TDO TDI 1 0 1/0 0d 1d 0c 1c 0b 1b 0a 1a ab c d FT/PIPEL 1/0 1/0 INTERRUPT COLLISION DETECTION LOGIC R/ WL CE 0 L CE1L R/ WR CE0 R CE1R INTL COL L INTR COLR ZZ CONTROL LOGIC ZZL (2) ZZR (2) A17R(1) Features: ◆ True Dual-Port memory cells which allow simultaneous access of the same memory location ◆ High-speed data access – Commercial: 3.4 (200MHz)/3.6ns (166MHz)/ 4.2ns (133MHz)(max.) – Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.) ◆ Selectable Pipelined or Flow-Through output mode ◆ Counter enable and repeat features ◆ Dual chip enables allow for depth expansion without additional logic ◆ Interrupt and Collision Detection Flags ◆ Full synchronous operation on both ports – 5ns cycle time, 200MHz operation (14Gbps bandwidth) – Fast 3.4ns clock to data out – 1.5ns setup to clock and 0.5ns hold on all control, data, and address inputs @ 200MHz 1. Address A17 is a NC for the IDT70T3599. Also, Addresses A17 and A16 are NC's for the IDT70T3589. 2. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. All static inputs, i.e., PL/FTx and OPTx and the sleep mode pins themselves (ZZx) are not affected during sleep mode. NOTES: |
Similar Part No. - IDT70T3589S200BC |
|
Similar Description - IDT70T3589S200BC |