Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS0025CN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS0025CN
Description  Two Phase MOS Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

   
 1 page
background image
TLF5852
June 1992
DS0025C Two Phase MOS Clock Driver
General Description
The DS0025C is a monolithic low cost two phase MOS
clock driver that is designed to be driven by TTL line drivers
or buffers such as the DS8830 or DM7440 Two input cou-
pling capacitors are used to perform the level shift from TTL
to MOS logic levels Optimum performance in turn-off delay
and fall time are obtained when the output pulse is logically
controlled by the input However output pulse width may be
set by selection of the input capacitor eliminating the need
for tight input pulse control
Features
Y
8-lead TO-5 or 8-lead or 14-lead dual-in-line package
Y
High Output Voltage Swingsup to 25V
Y
High Output Current Drive Capabilityup to 15A
Y
Rep Rate 10 MHz into l 1000 pF
Y
Driven by DS8830 DM7440
Y
‘‘Zero’’ Quiescent Power
Connection Diagrams
Metal Can Package
TLF5852 – 1
Note Pin 4 connected to case
Top View
Order Number DS0025CH
See NS Package Number H08C
Dual-In-Line Package
TLF5852 – 2
Top View
Order Number DS0025CJ-8
or DS0025CN
See NS Package Number J08A or N08E
Dual-In-Line Package
TLF5852 – 3
Top View
Order Number DS0025CJ
See NS Package Number J14A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCK85766-150MHz Phase Locked Loop Differential 1:10 SDRAM Clock Driver 1 2 3 4 5 MoreNXP Semiconductors
CDCV857A2.5-V PHASE LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
ICS93V850DDR Phase Lock Loop Clock Driver 1 2 3 4 5 MoreIntegrated Circuit Systems
CDCU8771.8V PHASE LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
ICS93701DDR Phase Lock Loop Clock Driver 1 2 3 4 5 MoreIntegrated Circuit Systems
DS3245DS3245 Quad MOS Clock Driver 1 2 3 4 National Semiconductor (TI)
IDTCSPT857C2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
CDCU2A8771.8-V PHASE LOCK LOOP CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
ICS93716Low Cost DDR Phase Lock Loop Clock Driver 1 2 3 4 5 MoreIntegrated Circuit Systems
IDTCSPU877A1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl