Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9446-100PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9446-100PCB
Description  16-Bit, 80/100 MSPS ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446-100PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9446-100PCB Datasheet HTML 2Page - Analog Devices AD9446-100PCB Datasheet HTML 3Page - Analog Devices AD9446-100PCB Datasheet HTML 4Page - Analog Devices AD9446-100PCB Datasheet HTML 5Page - Analog Devices AD9446-100PCB Datasheet HTML 6Page - Analog Devices AD9446-100PCB Datasheet HTML 7Page - Analog Devices AD9446-100PCB Datasheet HTML 8Page - Analog Devices AD9446-100PCB Datasheet HTML 9Page - Analog Devices AD9446-100PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9446
Rev. 0 | Page 6 of 36
DIGITAL SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, RLVDS_BIAS = 3.74 kΩ, unless otherwise noted.
Table 3.
AD9446BSVZ-80
AD9446BSVZ-100
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CMOS LOGIC INPUTS (DFS, DCS MODE, OUTPUT MODE)
High Level Input Voltage
Full
2.0
2.0
V
Low Level Input Voltage
Full
0.8
0.8
V
High Level Input Current
Full
200
200
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Capacitance
Full
2
2
pF
DIGITAL OUTPUT BITS—CMOS MODE (D0 to D15, OTR)1
DRVDD = 3.3 V
High Level Output Voltage
Full
3.25
3.25
V
Low Level Output Voltage
Full
0.2
0.2
V
DIGITAL OUTPUT BITS—LVDS MODE (D0 to D15, OTR)
VOD Differential Output Voltage2
Full
247
545
247
545
mV
VOS Output Offset Voltage
Full
1.125
1.375
1.125
1.375
V
CLOCK INPUTS (CLK+, CLK−)
Differential Input Voltage
Full
0.2
0.2
V
Common-Mode Voltage
Full
1.3
1.5
1.6
1.3
1.5
1.6
V
Input Resistance
Full
1.1
1.4
1.7
1.1
1.4
1.7
Input Capacitance
Full
2
2
pF
1 Output voltage levels measured with 5 pF load on each output.
2 LVDS RTERM = 100 Ω.
SWITCHING SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, unless otherwise noted.
Table 4.
AD9446BSVZ-80
AD9446BSVZ-100
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
80
100
MSPS
Minimum Conversion Rate
Full
1
1
MSPS
CLK Period
Full
12.5
10
ns
CLK Pulse Width High1 (tCLKH)
Full
5.0
4.0
ns
CLK Pulse Width Low1 (tCLKL)
Full
5.0
4.0
ns
DATA OUTPUT PARAMETERS
Output Propagation Delay—CMOS (tPD)2 (Dx, DCO+)
Full
3.35
3.35
ns
Output Propagation Delay—LVDS (tPD)3 (Dx+), (tCPD)3 (DCO+)
Full
2.1
3.6
4.8
2.3
3.6
4.8
ns
Pipeline Delay (Latency)
Full
13
13
Cycles
Aperture Delay (tA)
Full
ns
Aperture Uncertainty (Jitter, tJ)
Full
60
60
fsec
rms
1 With duty cycle stabilizer (DCS) enabled.
2 Output propagation delay is measured from clock 50% transition to data 50% transition with 5 pF load.
3 LVDS RTERM = 100 Ω. Measured from the 50% point of the rising edge of CLK+ to the 50% point of the data transition.


Similar Part No. - AD9446-100PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9446-100LVDS/PCB AD-AD9446-100LVDS/PCB Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-100LVDSPCB AD-AD9446-100LVDSPCB Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446-100LVDSPCB AD-AD9446-100LVDSPCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9446-100PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Microchip Technology
MCP37D31-80 MICROCHIP-MCP37D31-80 Datasheet
3Mb / 141P
   80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com