Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH287G-Y Datasheet(PDF) 5 Page - Anachip Corp

Part # AH287G-Y
Description  High Voltage Hall-Effect Smart Fan Motor Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH287G-Y Datasheet(HTML) 5 Page - Anachip Corp

  AH287G-Y Datasheet HTML 1Page - Anachip Corp AH287G-Y Datasheet HTML 2Page - Anachip Corp AH287G-Y Datasheet HTML 3Page - Anachip Corp AH287G-Y Datasheet HTML 4Page - Anachip Corp AH287G-Y Datasheet HTML 5Page - Anachip Corp AH287G-Y Datasheet HTML 6Page - Anachip Corp AH287G-Y Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AH287
High Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jan 17, 2005
5/7
Performance Characteristics (SOT89-5)
Ta (
°C)
25
50
60
70
75
80
85
90
95
100
Pd (mW)
800
640
576
512
480
448
416
384
352
320
Ta (
°C)
105
110
115
120
125
130
135
140
145
150
Pd (mW)
288
256
224
192
160
128
96
64
32
0
P o w e r D i s s i p at i on C u r v e
0
100
200
300
400
500
600
700
800
900
0
2 5
5 0
7 5
1 00
12 5
1 5 0
Ta ( 。 C)
Pd ( m W )
Marking Information
(1)SIP-4L
287
Part Number
Year:
( Top View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code
Blank : normal
L : Lead Free Package
(2)SOT89-5L
1
2
3
5
4
287 Y M X
M : Month: A~L
Y : Year: 0-9
ID code
A~Z : Non-Lead Free
a~z : Lead Free


Similar Part No. - AH287G-Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH287-PG-B DIODES-AH287-PG-B Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results

Similar Description - AH287G-Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com