Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9445BSVZ-125 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9445BSVZ-125
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445BSVZ-125 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9445BSVZ-125 Datasheet HTML 4Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 5Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 6Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 7Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 8Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 9Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 10Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 11Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD9445
Rev. 0 | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Table 5.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
With
Respect
To
Parameter
Rating
ELECTRICAL
AVDD1
AGND
−0.3 V to +4 V
AVDD2
AGND
−0.3 V to +6 V
DRVDD
DGND
−0.3 V to +4 V
AGND
DGND
−0.3 V to +0.3 V
THERMAL RESISTANCE
AVDD1
DRVDD
−4 V to +4 V
The heat sink of the AD9445 package must be soldered to ground.
AVDD2
DRVDD
−4 V to +6 V
AVDD2
AVDD1
−4 V to +6 V
Table 6.
D0± to D13±
DGND
–0.3 V to DRVDD + 0.3 V
Package Type
θJA
θJB
θJC
Unit
CLK+/CLK−
AGND
–0.3 V to AVDD1 + 0.3 V
100-lead TQFP/EP
19.8
8.3
2
°C/W
AGND
–0.3 V to AVDD1 + 0.3 V
OUTPUT MODE, DCS
MODE, DFS, SFDR,
RF ENABLE
Typical θJA = 19.8°C/W (heat sink soldered) for multilayer
board in still air.
VIN+, VIN−
AGND
–0.3 V to AVDD2 + 0.3 V
VREF
AGND
–0.3 V to AVDD1 + 0.3 V
Typical θJB = 8.3°C/W (heat sink soldered) for multilayer board
in still air.
SENSE
AGND
–0.3 V to AVDD1 + 0.3 V
REFT, REFB
AGND
–0.3 V to AVDD1 + 0.3 V
Typical θJC = 2°C/W (junction to exposed heat sink) represents
the thermal resistance through heat sink path.
ENVIRONMENTAL
–65°C to +125°C
Storage Temperature
Range
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads from
metal traces through holes, ground, and power planes reduces
the θJA. It is required that the exposed heat sink be soldered to
the ground plane.
–40°C to +85°C
Operating Temperature
Range
300°C
Lead Temperature
(Soldering 10 sec)
Junction Temperature
150°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9445BSVZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445BSVZ-125 AD-AD9445BSVZ-125 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
More results

Similar Description - AD9445BSVZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
AD9461 AD-AD9461 Datasheet
820Kb / 28P
   16-Bit, 130 MSPS IF Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com