Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH287C-Y Datasheet(PDF) 1 Page - Anachip Corp

Part # AH287C-Y
Description  High Voltage Hall-Effect Smart Fan Motor Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH287C-Y Datasheet(HTML) 1 Page - Anachip Corp

  AH287C-Y Datasheet HTML 1Page - Anachip Corp AH287C-Y Datasheet HTML 2Page - Anachip Corp AH287C-Y Datasheet HTML 3Page - Anachip Corp AH287C-Y Datasheet HTML 4Page - Anachip Corp AH287C-Y Datasheet HTML 5Page - Anachip Corp AH287C-Y Datasheet HTML 6Page - Anachip Corp AH287C-Y Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH287
High Voltage Hall-Effect Smart Fan Motor Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Jan 17, 2005
1/7
Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Built-in Zener protection for output driver
- Operating voltage: 3.8V~28V
- Output current: IO(AVE) = 400mA
- Package: SIP-4L, SOT89-5L
Pin Assignment
287
12
4
3
1 : VCC
2 : DO
3 : DOB
4 : GND
Front View
SIP-4L
1
2
3
74
5
DOB
DO
GND
NC
VCC
SOT89-5L
287
General Description
AH287 is a monolithic fan motor controller with Hall
sensor’s capability. It contains two complementary
open-drain drivers for motor’s coil driving, automatic
lock shutdown and restart function relatively.
To avoid coil burning, rotor-lock shutdown detection
circuit shut down the output driver if the rotor is
blocked and then the automatic recovery circuit will
try to restart the motor. This function repeats while
rotor is blocked. Until the blocking is removed, the
motor recovers running normally.
Pin Descriptions
Name
Description
VCC
Input power
DO
Output pin
DOB
Output pin
GND
Ground
NC
Not connected
Ordering Information
AH287 X -X X X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP-4L
Y: SOT89-5L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Blank or
A~Z : if necessary
to specify


Similar Part No. - AH287C-Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH287-PG-B DIODES-AH287-PG-B Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results

Similar Description - AH287C-Y

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com