Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP2100 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VSP2100
Description  CCD SIGNAL PROCESSOR For Digital Cameras
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP2100 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  VSP2100 Datasheet HTML 1Page - Burr-Brown (TI) VSP2100 Datasheet HTML 2Page - Burr-Brown (TI) VSP2100 Datasheet HTML 3Page - Burr-Brown (TI) VSP2100 Datasheet HTML 4Page - Burr-Brown (TI) VSP2100 Datasheet HTML 5Page - Burr-Brown (TI) VSP2100 Datasheet HTML 6Page - Burr-Brown (TI) VSP2100 Datasheet HTML 7Page - Burr-Brown (TI) VSP2100 Datasheet HTML 8Page - Burr-Brown (TI) VSP2100 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
VSP2100
SPECIFICATIONS
At TA = +25°C, all power supply voltages = +3.0V, and conversion rate = 18MHz, unless otherwise specified.
VSP2100Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
10
Bits
DIGITAL INPUT
Logic Family
CMOS
Logic Levels
Logic HI
2.5
V
Logic LO
0
+0.4
V
Logic Currents
Logic HI, VIN = +3V
10
µA
Logic LO, VIN = 0V
10
µA
A/D Clock Duty Cycle
50
%
DIGITAL OUTPUT
Logic Family
CMOS
Logic Levels
Logic HI, CL = 10pF
2.5
3
V
Logic LO, CL = 10pF
0
+0.4
V
ANALOG OUTPUT
General Purpose D/A Converter Output
0.3
2.4
V
DAC Settling TIme
1.0
µs
TRANSFER CHARACTERISTICS
Differential Non-Linearity
±0.4
LSB
Integral Non-Linearity
±2.0
LSB
No Missing Codes
Guaranteed
Signal Settling Time
Black to Full-Scale Change
110
ns
to 1/4 LSB into A/D
Conversion Rate
500kHz
27
MHz
Data Latency
5.5
Clocks
Signal-to-Noise Ratio(1)
Grounded Input Cap,
53
dB
VCA Gain max
Black Clamp Level
32
LSB
CDS
Data Settling Time to
±0.1% for FS Change
From Leading Edge
11
ns
with RS = 40
of DATCK
Input Capacitance
DATCK LOW
20
pF
Input Time Constant
300
ps
Data Full-Scale Input
After AC-Coupling Cap
600
mV
INPUT CLAMP
Clamp-On Resistance
3.3
k
Clamp Level
1V
VCA CHARACTERISTICS
Gain Control Voltage Range
0.3
2.4
V
Gain at Control Voltage, max
32
34
dB
Gain at Control Voltage, min
–2
dB
Gain Control Linearity
±1.0
dB
Gain Control Settling Time
10
µs
Transfer Function
17
dB / V
POWER SUPPLY
Rated Voltage
+2.7
+3.0
+3.6
V
Quiescent Current
63
mA
Power Dissipation
190
mW
Power-Down Mode
18
mW
TEMPERATURE RANGE
Specified Range
Ambient
–25
+85
°C
Thermal Resistance,
θ
JA
48-Lead LQFP
100
°C/W
NOTE: (1) SNR = 20log (full-scale voltage /rms noise).
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - VSP2100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2101 BURR-BROWN-VSP2101 Datasheet
184Kb / 12P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2101 TI1-VSP2101 Datasheet
536Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2101Y BURR-BROWN-VSP2101Y Datasheet
184Kb / 12P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2101Y TI1-VSP2101Y Datasheet
536Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2101YG4 TI1-VSP2101YG4 Datasheet
536Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results

Similar Description - VSP2100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2232 TI-VSP2232 Datasheet
248Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2272 TI-VSP2272 Datasheet
282Kb / 10P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2101 BURR-BROWN-VSP2101 Datasheet
184Kb / 12P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2212 TI1-VSP2212_16 Datasheet
529Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com