Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62LS2008HC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UC62LS2008HC
Description  Low Power CMOS SRAM 256K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS2008HC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UC62LS2008HC Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS2008HC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LS2008
-20/-25
DC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃)
Symbol
Comment
Test Condition
MIN.
TYP.
(1)
MAX.
UNITS
VIL
Guaranteed Input Low
Voltage
(2)
VCC=2.4V
-0.5
-
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
VCC=3.6V
2.0
-
Vcc-0.2
V
IL
Input Leakage Current
VCC=3.6V VIN=0V to VCC
-
-
1
uA
IOL
Output Leakage Current
VCC=3.6V CE\=VIH or OE\=VIH
VIO=0V t VCC
-
-
1
uA
VOL
Output Low Voltage
VCC=3.6V, IOL=2mA
-
-
0.4
V
VOH
Output High Voltage
VCC=3.0V, IOH=-1mA
2.4
-
-
V
ICC
Operating Power Supply
Current
CE\=VIL,IDQ=0mA, F=Fmax
(3)
-
-
20
mA
ISB1
TTL Standby Current
CE\=VIH, VIN=VIH to VIL
-
-
1
mA
ISB2
CMOS Standby Current
CE\≧VCC-0.2V, VIN=VCC-0.2V
to 0.2V
-
1
5
uA
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/tRC .
DATA RETENTION CHARACTERISTICS ( TA=0℃ to 70℃)
Symbol
Comment
Test Condition
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC to Data Retention
CE\≧VCC - 0.2V
VIN≧VCC-0.2V or VIN≦0.2V
1.2
-
-
V
ICCDR
Data Retention Current
CE\≧VCC - 0.2V
VIN≧VCC-0.2V or VIN≦0.2V
-
0.05
0.5
uA
tDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
-
-
ns
1.
VCC = 1.5V, TA = 25℃.
2.
tRC = Read Cycle Time
LOW VCC DATA RETENTION WAVEFORM
(1) (CE\ Controlled)
Data Retention Mode
V
DR >= 1.2V
t
CDR
t
R
VIH
VIH
CE >= V
CC - 0.2V
Vcc
CE
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
3


Similar Part No. - UC62LS2008HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AC-20 ETC1-UC62LS2048AC-20 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AC-25 ETC1-UC62LS2048AC-25 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AI-20 ETC1-UC62LS2048AI-20 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AI-25 ETC1-UC62LS2048AI-25 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
More results

Similar Description - UC62LS2008HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com