Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN90004TVS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN90004TVS
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90004TVS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCAN90004TVS Datasheet HTML 1Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 2Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 3Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 4Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 5Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 6Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 7Page - National Semiconductor (TI) SCAN90004TVS Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCAN90004
4-Channel LVDS Buffer/Repeater
with Pre-Emphasis and IEEE 1149.6
General Description
The SCAN90004 is a four channel 1.5 Gbps LVDS buffer/
repeater. High speed data paths and flow-through pinout
minimize internal device jitter and simplify board layout,
while configurable pre-emphasis overcomes ISI jitter effects
from lossy backplanes and cables. The differential inputs
interface to LVDS, and Bus LVDS signals such as those on
National’s 10-, 16-, and 18- bit Bus LVDS SerDes, as well as
CML and LVPECL. The differential inputs and outputs are
internally terminated with a 100
Ω resistor to improve perfor-
mance and minimize board space. The repeater function is
especially useful for boosting signals for longer distance
transmission over lossy cables and backplanes.
Integrated IEEE 1149.1 (JTAG) and 1149.6 circuitry supports
testability of both single-ended LVTTL/CMOS and high-
speed differential LVDS interconnects. The 3.3V supply,
CMOS process, and LVDS I/O ensure stable high perfor-
mance at low power over the entire industrial -40 to +85˚C
temperature range.
Features
n
1.5 Gbps data rate per channel
n
Configurable pre-emphasis drives lossy backplanes and
cables
n
Low output skew and jitter
n
Hot plug protection
n
LVDS/CML/LVPECL compatible input, LVDS output
n
On-chip 100
Ω input and output termination
n
15 kV ESD protection on LVDS inputs and outputs
n
IEEE 1149.1 and 1149.6 compliant
n
Fault Insertion
n
Single 3.3V supply
n
Very low power consumption
n
Industrial -40 to +85˚C temperature range
n
Small TQFP Package Footprint
n
Evaluation Kit Available
n
See DS90LV004 for non-JTAG version
20113001
SCAN90004 Block Diagram
20113002
Pinout - Top View
November 2005
© 2005 National Semiconductor Corporation
DS201130
www.national.com


Similar Part No. - SCAN90004TVS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN90004TVS/NOPB TI1-SCAN90004TVS/NOPB Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - SCAN90004TVS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
Texas Instruments
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com