Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK24N120Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK24N120Q2
Description  HiPerFET Power MOSFETs Q-Class
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK24N120Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK24N120Q2 Datasheet HTML 1Page - IXYS Corporation IXFK24N120Q2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
1200
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
1200
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C24
A
I
DM
T
C = 25°C, pulse width limited by TJM
96
A
I
AR
T
C = 25°C12
A
E
AR
T
C = 25°C30
mJ
E
AS
T
C = 25°C
4.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
20
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
830
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.9/6 Nm/lb.in.
Weight
PLUS-247
6
g
TO-264
10
g
HiPerFETTM
Power MOSFETs
Q-Class
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low Q
g
Low intrinsic R
g, low trr
Features
Double metal process for low gate
resistance
International standard packages
Epoxy meet UL 94 V-0, flammability
classification
Avalanche energy and current rated
Fast intrinsic Rectifier
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
1200
V
V
GS(th)
V
DS = VGS, ID = 8 mA
2.5
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±200 nA
I
DSS
V
DS = VDSS
T
J =
25
°C50 µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.65
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
G = Gate
D = Drain
S = Source
TAB = Drain
DS99185(05/04)
TO-264 AA (IXFK)
S
G
D
D (TAB)
V
DSS
= 1200 V
I
D25
=
24 A
R
DS(on) =
0.65
t
rr
≤≤≤≤ 300 ns
IXFK 24N120Q2
IXFX 24N120Q2
PLUS 247TM (IXFX)
G
D
D (TAB)
Preliminary Data Sheet
Advance Technical Data


Similar Part No. - IXFK24N120Q2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK24N120Q2 ISC-IXFK24N120Q2 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK24N120Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
   HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
   HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com