Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-M101-GG000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-M101-GG000
Description  Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-M101-GG000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HDSP-M101-GG000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-M101-GG000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Notes:
4. The displays are categorized for luminous intensity with the intensity category designated by a letter on the left hand side of the
package. The luminous intensity minimum and categories are determined by computing the numerical average of the individual dot
intensities.
5. The dominant wavelength is derived from the C.I.E. Chromaticity diagram and is that single wavelength which defines the color of the
device.
6. Typical specification for reference only. Do not exceed absolute maximum ratings.
7. The displays are categorized for dominant wavelength with the category designated by a number adjacent to the intensity category
letter.
High Performance Green HDSP-510x Series
Description
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Luminous Intensity/Dot[4]
50 mA pk: 1 of 5
(Digit Average)
IV
Duty Factor (10 mA Avg.)
HDSP-540x (17.3 mm)
1290
4000
HDSP-510x (26.5 mm)
1540
4500
Luminous Intensity/Dot[4]
30 mA pk: 1 of 14
(Digit Average)
IV
Duty Factor (2.1 mA Avg.)
HDSP-540x
570
HDSP-510x
630
Peak Wavelength
λ
PEAK
566
nm
Dominant Wavelength[5,7]
λ
d
571
nm
Forward Voltage
VF
IF = 50 mA
2.6
3.5
V
Reverse Voltage[6]
VR
IR = 100 µA
3.0
25.0
V
Temperature Coefficient of VF
∆V
F /°C-2.0
mV/
°C
Thermal Resistance LED
Junction-to-Pin per package
HDSP-540x
R
θ
J-PIN
15
°C/W/
HDSP-510x
13
PACK
µcd
µcd
Figure 1. Maximum Allowable Average
Current Per Dot as a Function of
Ambient Temperature.
Figure 2. Forward Current vs. Forward
Voltage.
Figure 3. Relative Efficiency
(Luminous Intensity per Unit Dot) vs.
Peak Current per Dot.
-5
0
TA – AMBIENT TEMPERATURE – °C
95
50
30
AlGaAs RED
10
20
15
35
55
75
40
R
θ
J-A = 50°C/W/PACK
HER/GREEN
0
0
VF – FORWARD VOLTAGE – V
100
60
2.0
80
20
1.0
3.0
40
0.5
1.5
2.5
3.5
120
140
AlGaAs RED
HER/GREEN
0
0.2
IPEAK – PEAK DOT CURRENT – mA
80
120
1.4
0.6
40
0.8
1.2
AlGaAs RED
20
60
100
0.4
1.0
GREEN
HER


Similar Part No. - HDSP-M101-GG000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 HP-HDSP-0760 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-M101-GG000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com