Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C20T10Q Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # C20T10Q
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

C20T10Q Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  C20T10Q Datasheet HTML 1Page - Nihon Inter Electronics Corporation C20T10Q Datasheet HTML 2Page - Nihon Inter Electronics Corporation C20T10Q Datasheet HTML 3Page - Nihon Inter Electronics Corporation C20T10Q Datasheet HTML 4Page - Nihon Inter Electronics Corporation C20T10Q Datasheet HTML 5Page - Nihon Inter Electronics Corporation C20T10Q Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FORWARD CURRENT VS. VOLTAGE
C20T10Q/C20T10Q-11A (per Arm)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
1
2
5
10
20
50
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
4
8
12
16
20
24
AVERAGE FORWARD CURRENT (A)
0
4
8
12
16
20
C20T10Q/C20T10Q-11A (Total)
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°


Similar Part No. - C20T10Q

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
C20T10Q NI-C20T10Q Datasheet
135Kb / 1P
   SBD
logo
Nihon Inter Electronics...
C20T10Q-11A NIEC-C20T10Q-11A Datasheet
29Kb / 2P
   Schottky Barrier Diode
logo
National Instruments Co...
C20T10Q-11A NI-C20T10Q-11A Datasheet
139Kb / 1P
   SBD
C20T10Q-11A NI-C20T10Q-11A_15 Datasheet
139Kb / 1P
   SBD
C20T10Q NI-C20T10Q_15 Datasheet
135Kb / 1P
   SBD
More results

Similar Description - C20T10Q

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com