Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-M103-00000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-M103-00000
Description  Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-M103-00000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HDSP-M103-00000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-M103-00000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Operational Considerations
Electrical Description
These display devices are com-
posed of light emitting diodes, with
the light from each LED optically
stretched to form individual dots.
These display devices are well
suited for strobed operation. The
typical forward voltage values can
be scaled from Figure 2. These
values should be used to calculate
the current limiting resistor value
and the typical power dissipation.
Expected maximum VF values, for
driver circuit design and maximum
power dissipation, may be
calculated using the following
VFMAX models:
AlGaAs Red
(HDSP-M10x):
VFMAX = 1.8 V + IPEAK(20 Ω)
For IPEAK ≤ 20 mA
VFMAX = 2.0 V + IPEAK(10 Ω)
For IPEAK ≥ 20 mA
HER (HDSP-450x):
VFMAX = 1.75 V + IPEAK(35 Ω)
For IPEAK ≥ 5 mA
Green (HDSP-510x):
VFMAX = 1.75 V + IPEAK(38 Ω)
For IPEAK ≥ 5 mA
Figure 3 allows the designer to
calculate the luminous intensity at
different peak and average
currents. The following equation
calculates intensity at different
peak and average currents:
IVAVG = (IFAVG/IFAVG DATA
SHEET)(
η
PEAK)(IV DATA SHEET)
Where:
IFAVG is the desired time averaged
LED current.
IFAVG DATA SHEET is the time
averaged data sheet test current
for IVDATA SHEET.
η
PEAK is the relative efficiency at
the peak current, scaled from
Figure 3.
IV DATA SHEET is the time
averaged data sheet luminous
intensity, resulting from IFAVG
DATA SHEET.
IVAVG is the calculated time
averaged luminous intensity
resulting from IFAVG.
For example, what is the luminous
intensity of an AlGaAs Red (HDSP-
L10X) driven at 50 mA peak 1/5
duty factor?
IFAVG = 50 mA * 0.2 = 10 mA
IFAVG DATA SHEET = 2 mA
η
PEAK = 0.98
IV DATA SHEET = 1650 µcd
Therefore
IVAVG = (10 mA/2 mA)(0.98)
(1650
µcd) = 8085 µcd
Thermal Considerations
The device thermal resistance may
be used to calculate the junction
temperature of the central LED.
The equation below calculates the
junction temperature of the central
(hottest) LED.
TJ =TA + (PD)(RθJ-A)(N)
PD =(VFMAX)(IFAVG)
R
θ
J-A = RθJ-PIN+ RθPIN-A
TJ is the junction temperature of
the central LED.
TA is the ambient temperature.
PD is the power dissipated by one
LED.
N is the number of LEDs ON per
character.
VFMAX is calculated using the
appropriate VF model.
R
θ
J-A is the package thermal
resistance from the central LED
to the ambient.
R
θ
J-PIN is the package thermal
resistance from the central LED
to pin.
R
θ
PIN-A is the package thermal
resistance from the pin to the
ambient.
For example, what is the maximum
ambient temperature an HDSP-
L10X can operate with the
following conditions:
IPEAK = 125 mA
IFAVG = 10 mA
R
θ
J-A = 50°C/W
N = 35
TJMAX = 110°C
VFMAX = 2.0 V + (0.125 A)(10)
= 3.25 V
PD = (3.25 V)(0.01 A)
= 0.0325 W
TA = 110°C –
(50
°C/W)(0.0325 W)(35)
= 53
°C
The maximum number of dots ON
for the ASCII character set is 20.
What is the maximum ambient
temperature an HDSP-L10X can
operate with the following
conditions:
IPEAK = 125 mA
IFAVG = 10 mA
R
θ
J-A = 50°C/W
N = 20
TJMAX = 110°C
VFMAX = 3.25 V
PD = 0.0325 W
TA = 110°C –
(50
°C/W)(0.0325 W)(20)
= 77
°C
Therefore, the maximum ambient
temperature can be increased by
reducing the average number of
dots ON from 35 to 20 dots ON per
display.
Contrast Enhancement
For information on contrast
enhancement, please see
Application Note 1015.
Soldering/Cleaning
For Soldering/Cleaning information
on soldering LEDs, please refer to
Application Note 1027.
www.agilent.com/semiconductors
E-mail: SemiconductorSupport@agilent.com
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5988-2224EN
July 8, 2004
5988-5215EN
For product information and a complete list of
Agilent contacts and distributors, please go to
our web site.


Similar Part No. - HDSP-M103-00000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 HP-HDSP-0760 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-M103-00000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com