Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1911BV18-250BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1911BV18-250BZC
Description  18-Mbit QDR-II SRAM 4-Word Burst Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1911BV18-250BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1911BV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1911BV18-250BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PRELIMINARY
CY7C1313BV18
CY7C1911BV18
CY7C1311BV18
CY7C1315BV18
Document Number: 38-05620 Rev. **
Page 11 of 23
Maximum Ratings
(Above which the useful life may be impaired.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with Power Applied .... –10°C to +85°C
Supply Voltage on VDD Relative to GND........ –0.5V to +2.9V
DC Applied to Outputs in High-Z .........–0.5V to VDDQ + 0.3V
DC Input Voltage[14] ............................ –0.5V to VDDQ + 0.3V
Current into Outputs (LOW) .........................................20 mA
Static Discharge Voltage (MIL-STD-883, M. 3015)... >2001V
Latch-up Current..................................................... >200 mA
Operating Range
Range
Ambient
Temperature (TA)VDD
[15]
VDDQ
[15]
Com’l
0°C to +70°C
1.8 ± 0.1V
1.4V to VDD
DC Electrical Characteristics Over the Operating Range[11]
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
VDD
V
VOH
Output HIGH Voltage
Note 12
VDDQ/2 – 0.12
VDDQ/2 + 0.12
V
VOL
Output LOW Voltage
Note 13
VDDQ/2 – 0.12
VDDQ/2 + 0.12
V
VOH(LOW)
Output HIGH Voltage
IOH = −0.1 mA, Nominal Impedance
VDDQ – 0.2
VDDQ
V
VOL(LOW)
Output LOW Voltage
IOL = 0.1 mA, Nominal Impedance
VSS
0.2
V
VIH
Input HIGH Voltage[14]
VREF + 0.1
VDDQ + 0.3
V
VIL
Input LOW Voltage[14]
–0.3
VREF – 0.1
V
IX
Input Load Current
GND
≤ V
I ≤ VDDQ
−55
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VDDQ, Output Disabled
−55
µA
VREF
Input Reference Voltage[16]
Typical Value = 0.75V
0.68
0.75
0.95
V
IDD
VDD Operating Supply
VDD = Max., IOUT = 0 mA,
f = fMAX = 1/tCYC
167 MHz
TBD
mA
200 MHz
TBD
mA
250 MHz
TBD
mA
ISB1
Automatic
Power-down
Current
Max. VDD, Both Ports
Deselected, VIN ≥ VIH or
VIN ≤ VIL
f = fMAX = 1/tCYC,
Inputs Static
167 MHz
TBD
mA
200 MHz
TBD
mA
250 MHz
TBD
mA
Notes:
11. All Voltage referenced to Ground.
12. Output are impedance controlled. IOH = (VDDQ/2)/(RQ/5) for values of 175Ω <= RQ <= 350Ωs.
13. Output are impedance controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175Ω <= RQ <= 350Ωs.
14. Overshoot: VIH(AC) < VDDQ + 0.85V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > 1.5V (Pulse width less than tCYC/2).
15. Power-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
16. VREF (Min.) = 0.68V or 0.46VDDQ, whichever is larger, VREF (Max.) = 0.95V or 0.54VDDQ, whichever is smaller.


Similar Part No. - CY7C1911BV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1911BV18-250BZC CYPRESS-CY7C1911BV18-250BZC Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1911BV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com